Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 285Page - Renesas Technology Corp SH7261 Datasheet HTML 286Page - Renesas Technology Corp SH7261 Datasheet HTML 287Page - Renesas Technology Corp SH7261 Datasheet HTML 288Page - Renesas Technology Corp SH7261 Datasheet HTML 289Page - Renesas Technology Corp SH7261 Datasheet HTML 290Page - Renesas Technology Corp SH7261 Datasheet HTML 291Page - Renesas Technology Corp SH7261 Datasheet HTML 292Page - Renesas Technology Corp SH7261 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 257 of 1312
REJ09B0320-0200
(6)
Initialization Sequencer
SDRAMC is provided with a sequencer for issuing the commands for SDRAM initialization. The
initialization sequence should always be initiated a single time only following a reset (all
channels) and following recovery from deep-power-down mode (individual channels). In such
cases operation cannot be guaranteed if the initialization sequence is not performed, or if it is
performed more than once.
The SDRAM initialization sequence issues the precharge-all-banks command followed by n (n = 1
to 15) auto-refresh commands, in that order. Make timing settings for the initialization sequencer
to SDRAM initialization register 0 (SDIR0). Initialization sequences are initiated using SDRAM
initialization register 1 (SDIR1).
Note that an initialization sequence for all channels is initiated using the DINIRQ bit.
Figure 9.10 shows a timing example for the initialization sequence. Setting DARFC to specify two
or more times causes multiple initialization auto-refresh cycles to be performed.
CKIO
DSL: Deselect command
RFA: Auto-refresh command
PRA: Precharge-all-banks command
SDRAM command
Initialization precharge cycle
Initialization auto-refresh cycle
DINST bit value
changes to 0
PRA
DSL
DPC
DARFI
DSL
DSL
RFA
DSL
DSL
DSL
Figure 9.10 Initialization Sequence Timing Example
(DPC Bit Set Value: 001, DARFI Bit Set Value: 0001, DARFC Bit Set Value: 001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com