Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 288Page - Renesas Technology Corp SH7261 Datasheet HTML 289Page - Renesas Technology Corp SH7261 Datasheet HTML 290Page - Renesas Technology Corp SH7261 Datasheet HTML 291Page - Renesas Technology Corp SH7261 Datasheet HTML 292Page - Renesas Technology Corp SH7261 Datasheet HTML 293Page - Renesas Technology Corp SH7261 Datasheet HTML 294Page - Renesas Technology Corp SH7261 Datasheet HTML 295Page - Renesas Technology Corp SH7261 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 260 of 1312
REJ09B0320-0200
(9)
Read/Write Access
The following two types of read/write access are supported.
• Multiple read/multiple write
• Single read/single write
Multiple read/multiple write occurs in the following cases.
1. CPU burst access (cache replace)
2. Access with longword (32-bit) to the SDRAM data bus having 8-bit or 16-bit width
3. Access with word (16-bit) to the SDRAM data bus having 8-bit width
4. Multiple data transfer in DMA pipeline transfer
The access timing can be set independently for each channel using the SDRAMI timing register
(SDITR). Access timing examples are described below.
(a)
Multiple Read/Multiple Write Access
Figure 9.14 shows a timing example for multiple read of 4 units of data, and figure 9.15 for
multiple write of 4 units of data.
The number of DMA transfers performed will vary depending on factors such as the number of
transfers and the transfer data size per operand and the SDRAM bus width. Read commands or
write commands may or may not be issued consecutively in response to an access request from the
bus master. When read commands or write commands are not issued consecutively, a deselect
command is issued between them.
Furthermore, deactivation and activation are performed automatically when the SDRAM row
address changes during a DMA transfer operation.
Figure 9.16 shows a timing example for multiple read of 4 units of data, and figure 9.17 for
multiple write of 4 units of data, when read/write commands are not issued consecutively. Figure
9.18 shows a timing example for multiple write with a row address change.
The access timing is modified by means of settings in the SDRAMm timing register (SDmTR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com