Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 286Page - Renesas Technology Corp SH7261 Datasheet HTML 287Page - Renesas Technology Corp SH7261 Datasheet HTML 288Page - Renesas Technology Corp SH7261 Datasheet HTML 289Page - Renesas Technology Corp SH7261 Datasheet HTML 290Page - Renesas Technology Corp SH7261 Datasheet HTML 291Page - Renesas Technology Corp SH7261 Datasheet HTML 292Page - Renesas Technology Corp SH7261 Datasheet HTML 293Page - Renesas Technology Corp SH7261 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 258 of 1312
REJ09B0320-0200
(7)
Power-Down Mode
SDRAMC supports an SDRAM power-down mode. In power-down mode the SDCKE signal from
SDRAMC goes low level. While in power-down mode auto-refresh operations are performed at
the interval specified by the auto-refresh request interval setting (DRFC) bits in SDRAM refresh
control register 1 (SDRFCNT1). The SDCKE signal only goes high when an auto-refresh
command is issued.
Transition to and recovery from power-down mode are performed using the SDRAM power-down
control register (SDPWDCNT).
Setting the DPWD bit to 1 causes SDRAMC to transition to power-down mode. Clearing the
DPWD bit to 0 causes SDRAMC to recover from power-down mode.
The SDCKE signal from SDRAMC goes high level when recovery from power-down mode
occurs.
CKIO
SDCKE
SDRAMC power-down mode
Figure 9.11 SDRAMC Power-Down Mode
CKIO
SDCKE
SDRAM command
SDRAMC power-down mode
Auto-refresh command
RFA
Figure 9.12 Auto-Refresh Operation in SDRAMC Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com