Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 30Page - Renesas Technology Corp HD6432632 Datasheet HTML 31Page - Renesas Technology Corp HD6432632 Datasheet HTML 32Page - Renesas Technology Corp HD6432632 Datasheet HTML 33Page - Renesas Technology Corp HD6432632 Datasheet HTML 34Page - Renesas Technology Corp HD6432632 Datasheet HTML 35Page - Renesas Technology Corp HD6432632 Datasheet HTML 36Page - Renesas Technology Corp HD6432632 Datasheet HTML 37Page - Renesas Technology Corp HD6432632 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxxiv of lxii
Item
Page
Revision (See Manual for Details)
24.6.3 Setting
Oscillation
Stabilization Time
after Clearing
Software Standby
Mode
1024
Description amended
Using a Crystal Oscillator: Set bits STS2 to STS0 so that the
standby time is at least 8 ms (the oscillation stabilization time) (at
least 5 ms for the H8S/2633R or H8S/2695).
24.10.3 Usage
Notes
1033
(2) Interrupt sources and subactive mode/watch mode transition
Description amended
For on-Chip peripheral modules that stop operating in subactive
mode (DMAC, DTC, TPU, PCB, IIC), a corresponding interrupt
cannot be cleared in subactive mode. ...
24.12
φ Clock
Output Disabling
Function
1034
Description amended, note * added
... in each processing state. Using the on-chip PLL circuit to lower
the oscillator frequency or prohibiting external
φ clock output also
have the effect of reducing unwanted electromagnetic
interference*. Therefore, consideration should be given to these
options when deciding on system board settings.
Note: * Electromagnetic interference: EMI (Electro Magnetic
Interference)
25.3.1 Clock Timing
Table 25.5 Clock
Timing
1045
Table amended
Condition A
Condition B
16MHz
25MHz
Item
Symbol
Min
Max
Min
Max
Unit
Test Conditions
Clock fall time
t
Cf
—
12
—
5ns
Clock oscillator settling
time at reset (crystal)
t
OSC1
20
—
10
—
ms
Figure 25.3
Clock oscillator settling
time in software standby
(crystal)
t
OSC2
10
—
8
—
ms
Figure 24.3
External clock output
stabilization delay time
t
DEXT
2
—
2
—
ms
Figure 25.3
25.4 A/D
Conversion
Characteristics
Table 25.11 A/D
Conversion
Characteristics
1071
Table condition amended and notes *1, *2 added
Condition A: VCC = PLLVCC = 3.0 V to 3.6 V, PVCC = 3.0 V to 5.5 V,
AVCC = 3.6 V to 5.5 V*
1, V
ref = 3.6 V to AVCC*
2, V
SS = AVSS =
PLLVSS = 0 V,
φ = 32.768 kHz, 2 to 16 MHz, ...
Condition B: ...
φ = 32.768 kHz, 2 to 25 MHz, ...
Notes: 1. AVCC = 3.3 V to 5.5 V if the A/D and D/A converters are
not used (used as I/O ports).
2. Vref = 3.3 V to AVCC if the A/D and D/A converters are not used
(used as I/O ports).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com