Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 89Page - Renesas Technology Corp HD6432632 Datasheet HTML 90Page - Renesas Technology Corp HD6432632 Datasheet HTML 91Page - Renesas Technology Corp HD6432632 Datasheet HTML 92Page - Renesas Technology Corp HD6432632 Datasheet HTML 93Page - Renesas Technology Corp HD6432632 Datasheet HTML 94Page - Renesas Technology Corp HD6432632 Datasheet HTML 95Page - Renesas Technology Corp HD6432632 Datasheet HTML 96Page - Renesas Technology Corp HD6432632 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1487 page
background image
Section 1 Overview
Rev. 5.00 Mar 28, 2005 page 31 of 1422
REJ09B0234-0500
1.3.3
Pin Functions
Table 1.3 (a) outlines the pin functions of the H8S/2633, H8S/2633F, H8S/2632, and H8S/2631.
Table 1.3 (b) outlines the pin functions of the H8S/2633R. Table 1.3 (c) outlines the pin functions
of the H8S/2695.
Table 1.3 (a) Pin Functions (H8S/2633, H8S/2633F, H8S/2632, H8S/2631)
Type
Symbol
I/O
Name and Function
Power
VCC
Input
Power supply: For connection to the power supply.
All VCC pins should be connected to the system power
supply.
PVCC1,
PVCC2
Input
Port power supply pin. Connect all pins to the same
power supply.
VSS
Input
Ground: For connection to ground
(0 V). All VSS pins should be connected to the system
power supply (0 V).
Clock
PLLVCC
Input
PLL power supply: Power supply for on-chip PLL
oscillator.
PLLVSS
Input
PLL ground: Ground for on-chip PLL oscillator.
PLLCAP
Input
PLL capacitance: External capacitance pin for on-chip
PLL oscillator.
XTAL
Input
Connects to a crystal oscillator.
See section 23A, Clock Pulse Generator (H8S/2633,
H8S/2632, H8S/2631, H8S/2633F), for typical
connection diagrams for a crystal oscillator and
external clock input.
EXTAL
Input
Connects to a crystal oscillator.
The EXTAL pin can also input an external clock.
See section 23A, Clock Pulse Generator (H8S/2633,
H8S/2632, H8S/2631, H8S/2633F), for typical
connection diagrams for a crystal oscillator and
external clock input.
OSC1
Input
Subclock: Connects to a 32.768 kHz crystal oscillator.
See section 23A, Clock Pulse Generator (H8S/2633,
H8S/2632, H8S/2631, H8S/2633F), for examples of
connections to a crystal oscillator.
OSC2
Input
Subclock: Connects to a 32.768 kHz crystal oscillator.
See section 23A, Clock Pulse Generator (H8S/2633,
H8S/2632, H8S/2631, H8S/2633F), for examples of
connections to a crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com