Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 4Page - Renesas Technology Corp HD6432632 Datasheet HTML 5Page - Renesas Technology Corp HD6432632 Datasheet HTML 6Page - Renesas Technology Corp HD6432632 Datasheet HTML 7Page - Renesas Technology Corp HD6432632 Datasheet HTML 8Page - Renesas Technology Corp HD6432632 Datasheet HTML 9Page - Renesas Technology Corp HD6432632 Datasheet HTML 10Page - Renesas Technology Corp HD6432632 Datasheet HTML 11Page - Renesas Technology Corp HD6432632 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page viii of lxii
H8S/2633 Group
H8S/2633R Group
H8S/2633F-ZTAT
H8S/2633
H8S/2632
H8S/2631
H8S/2633RF-ZTAT
H8S/2695
Operating
voltage
range
25 MHz operation version
PVCC = 4.5 V to 5.5 V, VCC = PLLVCC = 3.0 V to 3.6 V, AVCC = 4.5 V to 5.5
V, Vref = 4.5 V to AVCC
16 MHz operation version (low-voltage version)
PVCC = 3.0 V to 5.5 V, VCC = PLLVCC = 3.0 V to 3.6 V
[When using A/D or D/A]
AVCC = 3.6 V to 5.5 V, Vref = 3.6 V to AVCC
[When not using A/D or D/A]
AVCC = 3.3 V to 5.5 V, Vref = 3.3 V to AVCC
PVCC = 4.5 V to 5.5 V
(Single power supply version lacking VCC
and PLLVCC pins)
AVCC = 4.5 V to 5.5 V
Vref = 4.5 V to AVCC
Power
supply
pins
2 power supply configurations, PVCC (5 V power supply) and
VCC (3 V power supply), PLLVCC is 3 V power supply
•PVCC (5 V power supply) single power
supply configuration
• Do not connect the VCL pin to the
power supply. Instead, connect it to a
ground via a 0.1 µF power supply
stabilizer capacitor (which should be
mounted close to the pin).
• Do not connect the VCC power supply
to the VCL pin.
• Note that the VCL pin is located in the
same position as the VCC pin on the
older H8S/2633 Group and
H8S/2633F.
External
capacitor
0.1
µF
VCL (pin 11: FP128B)
(pin 7: TFP120)
VSS (pin 9: FP128B)
(pin 5: TFP120)
• There is no PLLVCC power supply pin.
EXTAL
input level
VIH: VCC
× 0.8 V to V
CC + 0.3 V
VIL: –0.3 V to VCC
× 0.2 V
(VCC = 3.0 V to 3.6 V)
VIH: PVCC
× 0.8 V to PV
CC + 0.3 V
VIL: –0.3 V to PVCC
× 0.2 V
(PVCC = 4.5 V to 5.5 V)
Interrupt
sources
External interrupts: NMLIRQ7 to IRQ0
Internal interrupts: 72 sources
External interrupts:
NMLIRQ7 to IRQ0
Internal interrupts:
49 sources
32 kHz
oscillator
Yes (subactive mode, subsleep mode, and watch mode supported)
No (subactive
mode, subsleep
mode, and watch
mode not
supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com