Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 21Page - Renesas Technology Corp HD6432632 Datasheet HTML 22Page - Renesas Technology Corp HD6432632 Datasheet HTML 23Page - Renesas Technology Corp HD6432632 Datasheet HTML 24Page - Renesas Technology Corp HD6432632 Datasheet HTML 25Page - Renesas Technology Corp HD6432632 Datasheet HTML 26Page - Renesas Technology Corp HD6432632 Datasheet HTML 27Page - Renesas Technology Corp HD6432632 Datasheet HTML 28Page - Renesas Technology Corp HD6432632 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxv of lxii
Item
Page
Revision (See Manual for Details)
10A.3.3 Pin
Functions
Table 10A.5 Port 3
Pin Functions
395
Table amended
Pin
Selection Method and Pin Functions
P35/SCK1/
SCK4/SCL0/
Switches as follows according to combinations of ICCR0 ICE bit of IIC0, SMR C/
bit of SCI1 or SCI4, SCR CKE0 and CKE1 bits, and the P35DDR bit.
When used as a SCL0 I/O pin, always be sure to clear the following bits to 0: SMR
C/
bits of SCI1 or SCI4, and SCR CKE0 and CKE1 bits. Do not set SCK1 and
SCK4 to simultaneous output.
The SCL0 output format is NMOS open drain output, enabling direct bus driving.
ICE
0
1
CKE1 (SCI1)
CKE1 (SCI4)
0
0
0, 1, 1
1, 0, 1
0
0
C/
(SCI1)
C/
(SCI4)
0
0
1
1
—
0
0
CKE0 (SCI1)
CKE0 (SCI4)
0
0
0, 1, 1*
2
1, 0, 1*
2
——
0
0
P35DDR0
1
——
—
—
Pin function
P35
input pin
P35
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
input pin
SCL0
I/O pin
input
Notes: 1. Output type is NMOS push-pull. When P35ODR = 1, it becomes NMOS open
drain output.
2. SCK1 and SCK4 must not be output simultaneously.
10A.5.1 Overview
400
Description amended
... The port 7 is a multipurpose port for the 8-bit timer I/O pins
(TMRI01, TMCI01, TMRI23, TMCI23, TMO0, TMO1, TMO2, and
TMO3), DMAC I/O pins (
DREQ0, TEND0, DREQ1, and TEND1),
bus control output pins (
CS4 to CS7), SCI I/O pins (SCK3, RxD3,
and TxD3), and manual reset input pins (
MRES). ...
Figure 10A.4 Port
7 Pin Functions
Figure amended
P77 /
P76 /
P75 /
P74 /
P73 /
P72 /
P71 /
P70 /
P77
P76
P75
P74
P73
P72
P71
P70
(I/O) /
(I/O) /
(I/O) /
(I/O) /
(input) / TMO1 (output) /
TEND1 (output) / CS7 (output)
(input) / TMO0 (output) /
TEND0 (output) / CS6 (output)
(input) / TMRI23 (input) / TMCI23 (input) /
DREQ1 (input) / CS5 (output)
(input) / TMRI01 (input) / TMCI01 (input) /
DREQ0 (input) / CS4 (output)
TxD3
RxD3
TMO3 / SCK3
TMO2 /
MRES
TMO1 /
TEND1 / CS7
TMO0 /
TEND0 / CS6
TMRI23 / TMCI23 /
DREQ1 / CS5
TMRI01 / TMCI01 /
DREQ0 / CS4
Port 7 pins
Pin functions in modes 4 to 6
Port 7
TxD3 (output)
RxD3 (input)
TMO3 (output) / SCK3 (I/O)
TMO2 (output) /
MRES (input)
10A.5.3 Pin
Functions
403
Description amended
The port 7 are mulipurpose pins which function as 8-bit timer I/O
pins, (TMRI01, TMCI01, TMRI23, TMCI23, TMO0, TMO1, TMO2,
and TMO3), DMAC I/O pins (
DREQ0, TEND0, DREQ1, and
TEND1), bus control output pins (CS4 to CS7), SCI I/O pins
(SCK3, RxD3, and TxD3), and manual reset input pins (
MRES). ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com