Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 7Page - Renesas Technology Corp HD6432632 Datasheet HTML 8Page - Renesas Technology Corp HD6432632 Datasheet HTML 9Page - Renesas Technology Corp HD6432632 Datasheet HTML 10Page - Renesas Technology Corp HD6432632 Datasheet HTML 11Page - Renesas Technology Corp HD6432632 Datasheet HTML 12Page - Renesas Technology Corp HD6432632 Datasheet HTML 13Page - Renesas Technology Corp HD6432632 Datasheet HTML 14Page - Renesas Technology Corp HD6432632 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xi of lxii
Notes on H8S/2695
1. Notes on P35 Pin Functions (SCK1, SCK4) in H8S/2695
The following restrictions apply to the functions of P35 (SCK1, SCK4) in the H8S/2695. The
functions indicated by *2 below cannot be used in the H8S/2695, and these combinations must not
be set.
(1) P35 Pin Functions in H8S/2633 Group and H8S/2633R
ICE
0
1
CKE1(SCI1)
CKE1(SCI4)
0
0
0, 1, 1
1, 0, 1
0
0
C/
A(SCI1)
C/
A(SCI4)
0
0
1
1
0
0
CKE0(SCI1)
CKE0(SCI4)
0
0
0, 1, 1
1, 0, 1

0
0
P35DDR
0
1

Pin function
P35
input pin
P35
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
input pin
SCL0
input/output pin
IRQ5 input
(2) P35 Pin Functions in H8S/2695
CKE1(SCI1)
CKE1(SCI4)
0
0
0*
2
1*
2
1*
2
0*
2
1
1
C/
A(SCI1)
C/
A(SCI4)
0
0
1
1

CKE0(SCI1)
CKE0(SCI4)
0
0
0, 1, 1
1, 0, 1


P35DDR
0
1


0*
3
Pin function
P35
input pin
P35
output pin
SCK1/SCK4
output pin
SCK1/SCK4
output pin

SCK1/SCK4
input pin
IRQ5 input
Notes: 1. The output type is normally NMOS push-pull output, but NMOS open-drain output when P35ODR = 1.
2. These combinations must not be set.
3. If SCK1 and SCK4 are used as input (clock input) pins on the H8S/2695, P35DDR must be cleared
to 0.
2. Notes on H8S/2695 Development (Using H8S/2633 Emulator Chip)
The H8S/2695 is not equipped with an I2C bus function and output from pins 34 and 35 is CMOS
output (unless P34ODR or P35ODR is set to 1, respectively). These pins are used for NMOS
push-pull output on the H8S/2633 emulator chip, so the output characteristics of these pins are
different than is the case with the H8S/2695. If it is necessary to use pins 34 and 35 for CMOS
output, use an appropriate resistance to pull up pins 34 and 35 of the H8S/2633 emulator chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com