Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 91Page - Renesas Technology Corp HD6432632 Datasheet HTML 92Page - Renesas Technology Corp HD6432632 Datasheet HTML 93Page - Renesas Technology Corp HD6432632 Datasheet HTML 94Page - Renesas Technology Corp HD6432632 Datasheet HTML 95Page - Renesas Technology Corp HD6432632 Datasheet HTML 96Page - Renesas Technology Corp HD6432632 Datasheet HTML 97Page - Renesas Technology Corp HD6432632 Datasheet HTML 98Page - Renesas Technology Corp HD6432632 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1487 page
background image
Section 1 Overview
Rev. 5.00 Mar 28, 2005 page 33 of 1422
REJ09B0234-0500
Type
Symbol
I/O
Name and Function
Interrupts
NMI
Input
Nonmaskable interrupt: Requests a nonmaskable
interrupt. When this pin is not used, it should be fixed
high.
IRQ7 to IRQ0 Input
Interrupt request 7 to 0: These pins request a
maskable interrupt.
Address bus
A23 to A0
Output
Address bus: These pins output an address.
Data bus
D15 to D0
I/O
Data bus: These pins constitute a bidirectional data
bus.
Bus control
CS7 to CS0
Output
Chip select: Selection signal for areas 0 to 7.
AS
Output
Address strobe: When this pin is low, it indicates that
address output on the address bus is enabled.
RD
Output
Read: When this pin is low, it indicates that the
external address space can be read.
HWR
Output
High write/write enable/upper write enable:
A strobe signal that writes to external space and
indicates that the upper half (D15 to D8) of the data
bus is enabled.
The 2CAS type DRAM write enable signal.
The 2WE type DRAM upper write enable signal.
LWR
Output
Low write/lower column address strobe/lower write
enable:
A strobe signal that writes to external space and
indicates that the lower half (D7 to D0) of the data bus
is enabled.
The 2CAS type (LCASS = 1) DRAM lower column
address strobe signal.
The 2WE type DRAM lower write enable signal.
CAS
Output
Upper column address strobe/column address strobe:
The 2CAS type DRAM upper column address strobe
signal.
LCAS
Output
Lower column address strobe:
The 2CAS type DRAM lower column address strobe
signal.
OE
Output
Output enable:
Output enable signal for DRAM space read access.
WAIT
Input
Wait: Requests insertion of a wait state in the bus
cycle when accessing external 3-state address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com