Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 28Page - Renesas Technology Corp HD6432632 Datasheet HTML 29Page - Renesas Technology Corp HD6432632 Datasheet HTML 30Page - Renesas Technology Corp HD6432632 Datasheet HTML 31Page - Renesas Technology Corp HD6432632 Datasheet HTML 32Page - Renesas Technology Corp HD6432632 Datasheet HTML 33Page - Renesas Technology Corp HD6432632 Datasheet HTML 34Page - Renesas Technology Corp HD6432632 Datasheet HTML 35Page - Renesas Technology Corp HD6432632 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxxii of lxii
Item
Page
Revision (See Manual for Details)
18.3.11 Initialization
of Internal State
869
Description amended
To prevent problems ... the IC state.
1. Execute initialization of the internal state according to the setting
of bits CLR3 to CLR0.
2. Clear of bits BC2 to BC0.
3. Execute a stop condition issuance instruction ...
4. R-execute initialization of internal state according to the setting
of bits CLR3 to CLR0.
5. Initialize (reset) the IIC registers.
18.4 Usage Notes
Table 18.7
Permissible SCL
Rise Time (tSr)
Values
871
Table amended
Time Indication
IICX
t
cyc
Indication
I
2C Bus
Specification
(Max.)
φφφφ =
5 MHz
φφφφ =
8 MHz
φφφφ =
10 MHz
φφφφ =
16 MHz
φφφφ =
20 MHz
φφφφ =
25 MHz
φφφφ =
28 MHz
07.5t
cyc
Standard
mode
1000 ns
1000 ns 937 ns
750 ns
468 ns
375 ns
—
—
High-speed
mode
300 ns
300 ns
300 ns
300 ns
300 ns
300 ns
—
—
Note: When 7.5 tcyc is selected as the transfer rate, the actual
transfer rate may be extended if
φ exceeds 20 MHz.
878, 879
Notes on Arbitration Lost in Master Mode
Description added
19.2.2 A/D
Control/Status
Register (ADCSR)
886
Description and note * amende
Bit 7
 A/D End Flag (ADF)
[Clearing conditions]
...
• When the DMAC* or DTC* is activated by an ADI interrupt
and ADDR is read
Note: * The DMAC and DTC functions are not available in the
H8S/2695.
20.1.4 Register
Configuration
Table 20.2 D/A
Converter Registers
907
Address of MSTPCRA amended
(Before) H'FDF8
→ (After) H'FDE8
22.1 Overview
917
Description amended
The H8S/2633 Group and H8S/2633R have 256-kbytes of on-chip
flash memory, or 256 kbytes of on-chip mask ROM, the H8S/2632,
H8S/2695 have 192 kbytes of mask ROM, and H8S/2631 has 128
kbytes of mask ROM. The ROM is ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com