Electronic Components Datasheet Search
  English  ▼

X  

HD6432632 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD6432632
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432632 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD6432632 Datasheet HTML 64Page - Renesas Technology Corp HD6432632 Datasheet HTML 65Page - Renesas Technology Corp HD6432632 Datasheet HTML 66Page - Renesas Technology Corp HD6432632 Datasheet HTML 67Page - Renesas Technology Corp HD6432632 Datasheet HTML 68Page - Renesas Technology Corp HD6432632 Datasheet HTML 69Page - Renesas Technology Corp HD6432632 Datasheet HTML 70Page - Renesas Technology Corp HD6432632 Datasheet HTML 71Page - Renesas Technology Corp HD6432632 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1487 page
background image
Section 1 Overview
Rev. 5.00 Mar 28, 2005 page 6 of 1422
REJ09B0234-0500
Item
Specification
Product lineup
H8S/2633 Group, H8S/2633F, H8S/2633R, H8S/2695 Operating Frequencies
and Voltages
28-MHz Operation
Version
25-MHz Operation
Version
16-MHz Operation
Version
Input clock
frequency range
2 to 25 MHz
2 to 25 MHz
2 to 16 MHz
Operating
frequency range
2 to 25 MHz
(For 25 to 28 MHz
operation, make sure to
use a PLL with a
multiplying factor set to
×2 or ×4.)
2 to 25 MHz
2 to 16 MHz
Operating voltage
range
PVCC = 4.5 to 5.5 V
(This is a single power
supply and has no Vcc
pin. Refer to sections 26
and 27, for details.)
AVCC = 4.5 to 5.5 V
Vref = 4.5 to AVCC
PVCC = 4.5 to 5.5 V
VCC = 3.0 to 3.6 V
AVCC = 4.5 to 5.5 V
Vref = 4.5 to AVCC
PVCC = 3.0 to 5.5 V
VCC = 3.0 to 3.6 V
[When using A/D or
D/A]
*2
AVCC = 3.6 to 5.5 V
Vref = 3.6 V to AVCC
[When not using A/D or
D/A]
*2
AVCC = 3.3 to 5.5 V
Vref = 3.3 V to AVCC
Flash version
Model (ROM/RAM)
HD64F2633RF28
(256 kbytes/16 kbytes)
HD64F2633RTE28
(256 kbytes/16 kbytes)
HD64F2633F25
(256 kbytes/16 kbytes)
HD64F2633TE25
(256 kbytes/16 kbytes)
HD64F2633F16
(256 kbytes/16 kbytes)
HD64F2633TE16
(256 kbytes/16 kbytes)
Mask version
Model (ROM/RAM)
HD6432695F28
*1
(192 kbytes/8 kbytes)
HD6432633F25
(256 kbytes/16 kbytes)
HD6432633TE25
(256 kbytes/16 kbytes)
HD6432632F25
(192 kbytes/12 kbytes)
HD6432632TE25
(192 kbytes/12 kbytes)
HD6432631F25
(128 kbytes/8 kbytes)
HD6432631TE25
(128 kbytes/8 kbytes)
HD6432633F16
(256 kbytes/16 kbytes)
HD6432633TE16
(256 kbytes/16 kbytes)
HD6432632F16
(192 kbytes/12 kbytes)
HD6432632TE16
(192 kbytes/12 kbytes)
HD6432631F16
(128 kbytes/8 kbytes)
HD6432631TE16
(128 kbytes/8 kbytes)
Notes: 1. The module configuration of the HD6432695 differs from that of the HD6432633,
HD64F2633, and HD64F2633R. (For information on the module configuration refer to
comparison of H8S/2633, H8S/2632, H8S/2631, H8S/2633F-ZTAT, H8S/2633RF-ZTAT,
and H8S/2695 Product Specifications.
2. In the case of the 16-MHz operation version, the operating power supply ranges differ
depending on whether A/D or D/A conversion is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com