Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 97Page - Renesas Technology Corp SH7619 Datasheet HTML 98Page - Renesas Technology Corp SH7619 Datasheet HTML 99Page - Renesas Technology Corp SH7619 Datasheet HTML 100Page - Renesas Technology Corp SH7619 Datasheet HTML 101Page - Renesas Technology Corp SH7619 Datasheet HTML 102Page - Renesas Technology Corp SH7619 Datasheet HTML 103Page - Renesas Technology Corp SH7619 Datasheet HTML 104Page - Renesas Technology Corp SH7619 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 836 page
background image
Section 3 Cache
Rev. 5.00 Mar. 15, 2007 Page 63 of 794
REJ09B0237-0500
3.4.3
Usage Examples
Invalidating Specific Entries: Specific cache entries can be invalidated by writing 0 to the entry's
V bit in the memory-mapped cache access. When the A bit is 1, the tag address specified by the
write data is compared to the tag address within the cache selected by the entry address, and the V
bit and U bit specified by the write data are written when a match is found. If no match is found,
there is no operation. When the V bit of an entry in the address array is set to 0, the entry is written
back if the entry's U bit is 1. In the example shown below, R0 specifies the write data and R1
specifies the address.
; R0=H'01100010; VPN=B'0000 0001 0001 0000 0000 00, U=0, V=0
; R1=H'F0000088; address array access, entry=B'00001000, A=1
;
MOV.L R0,@R1
Reading Data of Specific Entry: The data section of a specific entry can be read from by the
memory-mapped cache access. The longword indicated in the data field of the data array in
figure 3.4 is read into the register. In the example shown below, R0 specifies the address and R1
shows what is read.
; R0=H'F100004C; data array access, entry=B'00000100
; Way = 0, longword address = 3
;
MOV.L @R0,R1 ; Longword 3 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com