Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 101Page - Renesas Technology Corp SH7619 Datasheet HTML 102Page - Renesas Technology Corp SH7619 Datasheet HTML 103Page - Renesas Technology Corp SH7619 Datasheet HTML 104Page - Renesas Technology Corp SH7619 Datasheet HTML 105Page - Renesas Technology Corp SH7619 Datasheet HTML 106Page - Renesas Technology Corp SH7619 Datasheet HTML 107Page - Renesas Technology Corp SH7619 Datasheet HTML 108Page - Renesas Technology Corp SH7619 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 836 page
background image
Section 5 Exception Handling
Rev. 5.00 Mar. 15, 2007 Page 67 of 794
REJ09B0237-0500
Section 5 Exception Handling
5.1
Overview
5.1.1
Types of Exception Handling and Priority
Exception handling is started by four sources: resets, address errors, interrupts and instructions and
have the priority, as shown in table 5.1. When several exceptions are detected at once, they are
processed according to the priority.
Table 5.1
Types of Exceptions and Priority
Exception
Exception Source
Priority
Reset
Power-on reset
High
H-UDI reset
Interrupt
User break (break before instruction execution)
Address error
CPU address error (instruction fetch)
Instruction
General illegal instructions (undefined code)
Illegal slot instruction (undefined code placed immediately after a
delayed branch instruction*
1 or instruction that changes the PC
value*
2)
Trap instruction (TRAPA instruction)
Address error
CPU address error (data access)
Interrupt
User break (break after instruction execution or operand break)
NMI
H-UDI
IRQ
Watchdog timer (WDT)
Ether controller (EtherC and E-DMAC)
On-chip
peripheral
modules
Compare match timer 0 and 1 (CMT0 and CMT1)
Serial communication interface with FIFO (SCIF0,
SCIF1, and SCIF2)
Host interface (HIF)
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com