Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 108Page - Renesas Technology Corp SH7619 Datasheet HTML 109Page - Renesas Technology Corp SH7619 Datasheet HTML 110Page - Renesas Technology Corp SH7619 Datasheet HTML 111Page - Renesas Technology Corp SH7619 Datasheet HTML 112Page - Renesas Technology Corp SH7619 Datasheet HTML 113Page - Renesas Technology Corp SH7619 Datasheet HTML 114Page - Renesas Technology Corp SH7619 Datasheet HTML 115Page - Renesas Technology Corp SH7619 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 836 page
background image
Section 5 Exception Handling
Rev. 5.00 Mar. 15, 2007 Page 74 of 794
REJ09B0237-0500
5.4
Interrupts
5.4.1
Interrupt Sources
Table 5.7 shows the sources that start the interrupt exception handling. They are NMI, user break,
H-UDI, IRQ, and on-chip peripheral modules.
Table 5.7
Interrupt Sources
Type
Request Source
Number of
Sources
NMI
NMI pin (external input)
1
User break
User break controller (UBC)
1
H-UDI
User debug interface (H-UDI)
1
IRQ
IRQ0 to IRQ7 pins (external input)
8
On-chip peripheral module
Watchdog timer (WDT)
1
Ether controller (EtherC and E-DMAC)
1
Compare match timer (CMT0 and CMT1)
2
Serial communication interface with FIFO
(SCIF0, SCIF1, and SCIF2)
12
Host interface (HIF)
2
Direct memory access controller (DMAC0,
DMAC1, DMAC2, and DMAC3)
4
Serial I/O with FIFO (SIOF)
1
All interrupt sources are given different vector numbers and vector table address offsets. For
details on vector numbers and vector table address offsets, see table 6.2, Interrupt Exception
Sources, Vector Addresses and Priorities in section 6, Interrupt Controller (INTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com