Electronic Components Datasheet Search
  English  ▼

X  

SH7619 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 109Page - Renesas Technology Corp SH7619 Datasheet HTML 110Page - Renesas Technology Corp SH7619 Datasheet HTML 111Page - Renesas Technology Corp SH7619 Datasheet HTML 112Page - Renesas Technology Corp SH7619 Datasheet HTML 113Page - Renesas Technology Corp SH7619 Datasheet HTML 114Page - Renesas Technology Corp SH7619 Datasheet HTML 115Page - Renesas Technology Corp SH7619 Datasheet HTML 116Page - Renesas Technology Corp SH7619 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 836 page
background image
Section 5 Exception Handling
Rev. 5.00 Mar. 15, 2007 Page 75 of 794
REJ09B0237-0500
5.4.2
Interrupt Priority
The interrupt priority is predetermined. When multiple interrupts occur simultaneously
(overlapped interruptions), the interrupt controller (INTC) determines their relative priorities and
starts the exception handling according to the results.
The priority of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest and
priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is always
accepted. The priority level of the user break interrupt and H-UDI is 15. IRQ interrupt and on-chip
peripheral module interrupt priority levels can be set freely using the interrupt priority level setting
registers A to G (IPRA to IPRG) of the INTC as shown in table 5.8. The priority levels that can be
set are 0 to 15. Level 16 cannot be set. For details on IPRA to IPRG, see section 6.3.4, Interrupt
Priority Registers A to G (IPRA to IPRG).
Table 5.8
Interrupt Priority
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
User break
15
Fixed priority level. Can be masked.
H-UDI
15
Fixed priority level.
IRQ
0 to 15
On-chip peripheral module
Set with interrupt priority level setting registers A
through G (IPRA to IPRG).
5.4.3
Interrupt Exception Handling
When an interrupt occurs, the interrupt controller (INTC) ascertains its priority level. NMI is
always accepted, but other interrupts are only accepted if they have a priority level higher than the
priority level set in the interrupt mask bits (I3 to I0) of the status register (SR).
When an interrupt is accepted, exception handling begins. In interrupt exception handling, the
CPU saves SR and the program counter (PC) to the stack. The priority level of the accepted
interrupt is written to bits I3 to I0 in SR. Although the priority level of the NMI is 16, the value set
in bits I3 to I0 is H'F (level 15). Next, the start address of the exception handling routine is fetched
from the exception handling vector table for the accepted interrupt, and program execution
branches to that address and the program starts. For details on the interrupt exception handling, see
section 6.6, Interrupt Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com