Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 32Page - Renesas Technology Corp SH7672 Datasheet HTML 33Page - Renesas Technology Corp SH7672 Datasheet HTML 34Page - Renesas Technology Corp SH7672 Datasheet HTML 35Page - Renesas Technology Corp SH7672 Datasheet HTML 36Page - Renesas Technology Corp SH7672 Datasheet HTML 37Page - Renesas Technology Corp SH7672 Datasheet HTML 38Page - Renesas Technology Corp SH7672 Datasheet HTML 39Page - Renesas Technology Corp SH7672 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 10 of 1262
REJ09B0437-0100
Classification
Module/Function Description
Encryption
functions (AES,
DES and 3DES)
(SH7671 and
SH7670 support
only DMAC
function. They do
not support
encryption
function.)
• Encryption/decryption engine can be activated by 2-
channel dedicated DMAC (A-DMAC) or CPU
• By reading the descriptor using the A-DMAC, continuous
encryption/decryption available by switching the source
address (unprocessed data pointer), destination address
(processed data storage address), and various settings
(including encryption/decryption algorithm,
encryption/decryption, ECB/CBC/OFB, keys, and IV) in
real time
• Block-by-block encryption and decryption enabled by
activation from the CPU
Message
authentication
code generating
functions (HMAC-
SHA-1, HMAC-
SHA-224, and
HMAC-SHA-256)
(Not supported in
SH7671 and
SH7670)
• By reading the descriptor using the A-DMAC, generation
of message authentication codes and checksum
calculation in conjunction with encryption/decryption
processing are available
Encryption,
hash, and error
correction
Forward error
correction (FEC)
• By reading the descriptor using the dedicated F-DMAC,
missing packets can be restored quickly by switching the
source address (read packet pointer), destination address
(restoration packet storage address), and packet size in
real time
• Arbitrary values can be used for the read packet pointer,
read packet count, restoration packet storage address,
and packet size
User break
controller (UBC)
• Two break channels
• Addresses, data values, type of access, and data size
can be set as break conditions
Debugging
function
User debugging
interface (H-UDI)
• Supports E10A emulator
• JTAG-standard pin assignment
• Supports boundary scan
I/O ports
• Eighty-six general input/output pins and eight general
input pins
• Input or output of I/O ports can be selected for each bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com