Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 39Page - Renesas Technology Corp SH7672 Datasheet HTML 40Page - Renesas Technology Corp SH7672 Datasheet HTML 41Page - Renesas Technology Corp SH7672 Datasheet HTML 42Page - Renesas Technology Corp SH7672 Datasheet HTML 43Page - Renesas Technology Corp SH7672 Datasheet HTML 44Page - Renesas Technology Corp SH7672 Datasheet HTML 45Page - Renesas Technology Corp SH7672 Datasheet HTML 46Page - Renesas Technology Corp SH7672 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 17 of 1262
REJ09B0437-0100
Classification Symbol
I/O Name
Function
TX_CLK
I
Transmit clock
Input reference timing signal of
TX_EN, TX_ER, and MII_TXD3 to
MII_TXD0
TX_ER
O
Transmit error
Pin to notify the PHY-LSI of an error
detected during transmission
MII_RXD3 to
MII_RXD0
I
Receive data
4-bit receive data pins
RX_DV
I
Receive data
valid
Indicates that valid receive data is
present on the MII_RXD3 to
MII_RXD0 pins
RX_CLK
I
Receive clock
Input reference timing signal of
RX_DV, RX_ER, and MII_RXD3 to
MII_RXD0
RX_ER
I
Receive error
Pin to recognize the state of an error
detected during reception
MDC
O
Clock for
management
Input reference timing signal of
transfer data on the MDIO pin
MDIO
I/O Management data
I/O
Bidirectional pin to exchange
management data
WOL
O
MAGIC packet
reception
Indicates that a Magic Packet
TM
* was
received.
LNKSTA
I
Link status
Input pin to receive the link status
signal from the PHY-LSI
Ethernet
controller
(EtherC)
EXOUT
O
General output
External output pin
ST_CLKOUT
O
Data clock output pin
ST1_CLKIN,
ST0_CLKIN
I
Data clock input pins
ST1_SYC,
ST0_SYC
I/O
Synchronizing signal pins
ST1_REQ,
ST0_REQ
I/O
Request signal pins
ST1_VLD,
ST0_VLD
I/O
Data enable pins
ST1_D[7:0],
ST0_D[7:0]
I/O
Data pins (The value 0 is used in
serial mode)
Stream
interface
(STIF)
ST1_VCO_CLKIN,
ST0_VCO_CLKIN
I
VCX0 clock pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com