Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 60Page - Renesas Technology Corp SH7672 Datasheet HTML 61Page - Renesas Technology Corp SH7672 Datasheet HTML 62Page - Renesas Technology Corp SH7672 Datasheet HTML 63Page - Renesas Technology Corp SH7672 Datasheet HTML 64Page - Renesas Technology Corp SH7672 Datasheet HTML 65Page - Renesas Technology Corp SH7672 Datasheet HTML 66Page - Renesas Technology Corp SH7672 Datasheet HTML 67Page - Renesas Technology Corp SH7672 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 38 of 1262
REJ09B0437-0100
Table 2.4
T Bit
SH-2A CPU
Description
Example of Other CPU
CMP/GE
R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1.
The program branches to TRGET0
when R0
≥ R1 and to TRGET1
when R0 < R1.
CMP.W
R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#
−1,R0
CMP/EQ
#0,R0
BT
TRGET
T bit is not changed by ADD.
T bit is set when R0 = 0.
The program branches if R0 = 0.
SUB.W
#1,R0
BEQ
TRGET
(10) Immediate Data
Byte immediate data is located in an instruction code. Word or longword immediate data is not
located in instruction codes but in a memory table. The memory table is accessed by an immediate
data transfer instruction (MOV) using the PC relative addressing mode with displacement.
With the SH-2A, 17- to 28-bit immediate data can be located in an instruction code. However, for
21- to 28-bit immediate data, an OR instruction must be executed after the data is transferred to a
register.
Table 2.5
Immediate Data Accessing
Classification
SH-2A CPU
Example of Other CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOVI20
#H'1234,R0
MOV.W
#H'1234,R0
20-bit immediate
MOVI20
#H'12345,R0
MOV.L
#H'12345,R0
28-bit immediate
MOVI20S
#H'12345,R0
OR
#H'67,R0
MOV.L
#H'1234567,R0
32-bit immediate
MOV.L
@(disp,PC),R0
.................
.DATA.L
H'12345678
MOV.L
#H'12345678,R0
Note:
@(disp, PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com