Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 55Page - Renesas Technology Corp SH7672 Datasheet HTML 56Page - Renesas Technology Corp SH7672 Datasheet HTML 57Page - Renesas Technology Corp SH7672 Datasheet HTML 58Page - Renesas Technology Corp SH7672 Datasheet HTML 59Page - Renesas Technology Corp SH7672 Datasheet HTML 60Page - Renesas Technology Corp SH7672 Datasheet HTML 61Page - Renesas Technology Corp SH7672 Datasheet HTML 62Page - Renesas Technology Corp SH7672 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 33 of 1262
REJ09B0437-0100
2.1.4
Register Banks
For the nineteen 32-bit registers comprising general registers R0 to R14, control register GBR, and
system registers MACH, MACL, and PR, high-speed register saving and restoration can be carried
out using a register bank. The register contents are automatically saved in the bank after the CPU
accepts an interrupt that uses a register bank. Restoration from the bank is executed by issuing a
RESBANK instruction in an interrupt processing routine.
This LSI has 15 banks. For details, see the SH-2A, SH2A-FPU Software Manual and section 6.8,
Register Banks.
2.1.5
Initial Values of Registers
Table 2.1 lists the values of the registers after a reset.
Table 2.1
Initial Values of Registers
Classification
Register
Initial Value
R0 to R14
Undefined
General registers
R15 (SP)
Value of the stack pointer in the vector
address table
SR
Bits I[3:0] are 1111 (H'F), BO and CS are
0, reserved bits are 0, and other bits are
undefined
GBR, TBR
Undefined
Control registers
VBR
H'00000000
MACH, MACL, PR
Undefined
System registers
PC
Value of the program counter in the vector
address table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com