Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 15Page - Renesas Technology Corp SH7672 Datasheet HTML 16Page - Renesas Technology Corp SH7672 Datasheet HTML 17Page - Renesas Technology Corp SH7672 Datasheet HTML 18Page - Renesas Technology Corp SH7672 Datasheet HTML 19Page - Renesas Technology Corp SH7672 Datasheet HTML 20Page - Renesas Technology Corp SH7672 Datasheet HTML 21Page - Renesas Technology Corp SH7672 Datasheet HTML 22Page - Renesas Technology Corp SH7672 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1292 page
background image
Rev. 1.00 Nov. 14, 2007 Page xix of xxvi
Section 16 Serial Sound Interface (SSI) ............................................................585
16.1
Features............................................................................................................................. 585
16.2
Input/Output Pins .............................................................................................................. 587
16.3
Register Description ......................................................................................................... 588
16.3.1
Control Register (SSICR) ................................................................................. 589
16.3.2
Status Register (SSISR) .................................................................................... 595
16.3.3
Transmit Data Register (SSITDR) .................................................................... 600
16.3.4
Receive Data Register (SSIRDR) ..................................................................... 600
16.3.5
SSI Clock Selection Register (SCSR)............................................................... 601
16.4
Operation Description....................................................................................................... 602
16.4.1
Bus Format........................................................................................................ 602
16.4.2
Non-Compressed Modes................................................................................... 603
16.4.3
Operation Modes............................................................................................... 613
16.4.4
Transmit Operation ........................................................................................... 614
16.4.5
Receive Operation............................................................................................. 617
16.4.6
Temporary Stop and Restart Procedures in Transmit Mode ............................. 620
16.4.7
Serial Bit Clock Control.................................................................................... 621
16.5
Usage Notes ...................................................................................................................... 622
16.5.1
Limitations from Overflow during Receive DMA Operation........................... 622
Section 17 USB 2.0 Host/Function Module (USB) ...........................................623
17.1
Features............................................................................................................................. 623
17.2
Input / Output Pins............................................................................................................ 626
17.3
Register Description ......................................................................................................... 628
17.3.1
System Configuration Control Register (SYSCFG) ......................................... 635
17.3.2
CPU Bus Wait Setting Register (BUSWAIT) .................................................. 639
17.3.3
System Configuration Status Register (SYSSTS)............................................. 640
17.3.4
Device State Control Register (DVSTCTR) ..................................................... 642
17.3.5
Test Mode Register (TESTMODE) .................................................................. 648
17.3.6
DMA-FIFO Bus Configuration Registers (D0FBCFG, D1FBCFG) ................ 651
17.3.7
FIFO Port Registers (CFIFO, D0FIFO, D1FIFO)............................................. 652
17.3.8
FIFO Port Select Registers (CFIFOSEL, D0FIFOSEL, D1FIFOSEL)............. 654
17.3.9
FIFO Port Control Registers (CFIFOCTR, D0FIFOCTR, D1FIFOCTR) ........ 661
17.3.10
Interrupts Enable Register 0 (INTENB0) ......................................................... 665
17.3.11
Interrupt Enable Register 1 (INTENB1) ........................................................... 667
17.3.12
BRDY Interrupt Enable Register (BRDYENB) ............................................... 669
17.3.13
NRDY Interrupt Enable Register (NRDYENB) ............................................... 671
17.3.14
BEMP Interrupt Enable Register (BEMPENB) ................................................ 673
17.3.15
SOF Control Register (SOFCFG) ..................................................................... 675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com