Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 64Page - Renesas Technology Corp SH7672 Datasheet HTML 65Page - Renesas Technology Corp SH7672 Datasheet HTML 66Page - Renesas Technology Corp SH7672 Datasheet HTML 67Page - Renesas Technology Corp SH7672 Datasheet HTML 68Page - Renesas Technology Corp SH7672 Datasheet HTML 69Page - Renesas Technology Corp SH7672 Datasheet HTML 70Page - Renesas Technology Corp SH7672 Datasheet HTML 71Page - Renesas Technology Corp SH7672 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1292 page
background image
Section 2 CPU
Rev. 1.00 Nov. 14, 2007 Page 42 of 1262
REJ09B0437-0100
Addressing
Mode
Instruction
Format
Effective Address Calculation
Equation
Indexed GBR
indirect
@(R0, GBR)
The effective address is the sum of GBR value
and R0.
GBR
R0
GBR + R0
+
GBR + R0
TBR duplicate
indirect with
displacement
@@
(disp:8,
TBR)
The effective address is the sum of TBR value
and an 8-bit displacement (disp). The value of
disp is zero-extended, and is multiplied by 4.
TBR
TBR
+ disp
× 4
(TBR
+ disp
× 4)
4
+
disp
(zero-extended)
×
Contents of
address (TBR
+ disp
× 4)
PC indirect with
displacement
@(disp:8,
PC)
The effective address is the sum of PC value and
an 8-bit displacement (disp). The value of disp is
zero-extended, and is doubled for a word
operation, and quadrupled for a longword
operation. For a longword operation, the lowest
two bits of the PC value are masked.
PC
H'FFFFFFFC
PC + disp
× 2
or
PC & H'FFFFFFFC
+ disp
× 4
+
2/4
×
&
(for longword)
disp
(zero-extended)
Word:
PC + disp
× 2
Longword:
PC &
H'FFFFFFFC +
disp
× 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com