Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 246Page - Renesas Technology Corp SH7672 Datasheet HTML 247Page - Renesas Technology Corp SH7672 Datasheet HTML 248Page - Renesas Technology Corp SH7672 Datasheet HTML 249Page - Renesas Technology Corp SH7672 Datasheet HTML 250Page - Renesas Technology Corp SH7672 Datasheet HTML 251Page - Renesas Technology Corp SH7672 Datasheet HTML 252Page - Renesas Technology Corp SH7672 Datasheet HTML 253Page - Renesas Technology Corp SH7672 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 224 of 1262
REJ09B0437-0100
7.5.2
Normal Space Interface
(1)
Basic Timing
For access to a normal space, this LSI uses strobe signal output in consideration of the fact that
mainly static RAM will be directly connected. When using SRAM with a byte-selection pin, see
section 7.5.6, SRAM Interface with Byte Selection. Figure 7.3 shows the basic timings of normal
space access. A no-wait normal access is completed in two cycles. The
BS signal is asserted for
one cycle to indicate the start of a bus cycle.
CKIO
Note: * The waveform for DACKn is when active low is specified.
A25 to A0
RD/
WR
RD/
WR
D31 to D0
DACKn
CSn
T1
T2
RD
WEn
BS
D31 to D0
Read
Write
*
Figure 7.3
Normal Space Basic Access Timing (Access Wait 0)
There is no access size specification when reading. The correct access start address is output in the
least significant bit of the address, but since there is no access size specification, 32 bits are always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com