Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 269Page - Renesas Technology Corp SH7672 Datasheet HTML 270Page - Renesas Technology Corp SH7672 Datasheet HTML 271Page - Renesas Technology Corp SH7672 Datasheet HTML 272Page - Renesas Technology Corp SH7672 Datasheet HTML 273Page - Renesas Technology Corp SH7672 Datasheet HTML 274Page - Renesas Technology Corp SH7672 Datasheet HTML 275Page - Renesas Technology Corp SH7672 Datasheet HTML 276Page - Renesas Technology Corp SH7672 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 247 of 1262
REJ09B0437-0100
(3)
Burst Read
A burst read occurs in the following cases with this LSI.
• Access size in reading is larger than data bus width.
• 16-byte transfer in cache miss.
• 16-byte transfer by DMAC
This LSI always accesses the SDRAM with burst length 1. For example, read access of burst
length 1 is performed consecutively 4 times to read 16-byte continuous data from the SDRAM that
is connected to a 32-bit data bus. This access is called the burst read with the burst number 4.
Table 7.17 shows the relationship between the access size and the number of bursts.
Table 7.17
Relationship between Access Size and Number of Bursts
Bus Width
Access Size
Number of Bursts
16 bits
8 bits
1
16 bits
1
32 bits
2
16 bits
8
32 bits
8 bits
1
16 bits
1
32 bits
1
16 bytes*
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com