Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 43Page - Renesas Technology Corp 38K2 Datasheet HTML 44Page - Renesas Technology Corp 38K2 Datasheet HTML 45Page - Renesas Technology Corp 38K2 Datasheet HTML 46Page - Renesas Technology Corp 38K2 Datasheet HTML 47Page - Renesas Technology Corp 38K2 Datasheet HTML 48Page - Renesas Technology Corp 38K2 Datasheet HTML 49Page - Renesas Technology Corp 38K2 Datasheet HTML 50Page - Renesas Technology Corp 38K2 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 28 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
USB Port External Circuit Configuration
The operation mode of the USB port driver circuit can be config-
ured by USB control register (address 001016).
Figure 25 and Figure 26 show the USB port external circuit block
diagram.
Fig. 25 USB port external circuit (D0+, D0-, USBVREF, TrON) block diagram (4.0V
≤ VCC ≤ 5.25V)
“1”
“0”
USB Reference
Voltage Circuit
PLL
UCLKCON
VREFE
VREFCON
DVCC
Full
Speed
+
-
USBE
USBE
USB
Module
XOUT
fVCO
TRONCON
TRONE
USBVREF
TRON
D0+
D0-
2.2
µF
27
Ω
USBE
VREFCON
0
1
Hiz
Hiz
3.3V output
Normal mode
0
1
USBVREF status
fUSB
USBDIFE
Full
Speed
3.3V output
Low-power mode
0.1
µF
27
Ω
1.5 k
Ω
Fig. 26 USB port external circuit (D0+, D0-, USBVREF, TrON) block diagram (3.0V
≤ VCC ≤ 4.0V)
“1”
“0”
PLL
UCLKCON
Full
Speed
+
-
USBE
USBE
USB
Module
XOUT
fVCO
TRONCON
TRONE
USBVREF
TRON
D0+
D0-
27
Ω
USBE
fUSB
USBDIFE
Full
Speed
0.1
µF
27
Ω
1.5 k
Ω
3.0V to 3.6V (Note)
Note: In Vcc = 3.0 V to 3.6 V connect this pin to Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com