Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 57Page - Renesas Technology Corp 38K2 Datasheet HTML 58Page - Renesas Technology Corp 38K2 Datasheet HTML 59Page - Renesas Technology Corp 38K2 Datasheet HTML 60Page - Renesas Technology Corp 38K2 Datasheet HTML 61Page - Renesas Technology Corp 38K2 Datasheet HTML 62Page - Renesas Technology Corp 38K2 Datasheet HTML 63Page - Renesas Technology Corp 38K2 Datasheet HTML 64Page - Renesas Technology Corp 38K2 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 42 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Fig.50 Structure of EP01 control register 3
Fig. 51 Structure of EP01 interrupt source register
Fig. 49 Structure of EP01 control register 2
b7
b0
B0VAL01
b7:b1
–
–
0
–
EP01 control register 2 (EP01CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 0 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R
b7
b0
B1VAL01
b7:b1
–
–
0
–
EP01 control register 3 (EP01CON3) [address 001C16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 1 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
In double buffer mode this bit is valid.
Write “0” when writing.
“0” is read when reading.
0000
000
W
R
b7
b0
B0RDY01
B1RDY01
ERR01
b7:b3
0
0
0
–
0
0
0
–
EP01 interrupt source register (EP01REQ) [address 001D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
USB function/Endpoint 1 buffer 0
ready interrupt bit
USB function/Endpoint 1 buffer 1
ready interrupt bit
USB function/Endpoint 1 error
interrupt bit
Not used
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the buffer 0 is ready state
(enabled to be read/written) on USB function/Endpoint 1.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
In single buffer mode this bit is invalid.
This bit is set to “1” when the buffer 1 is ready state
(enabled to be read/written) on USB function/Endpoint 1
in double buffer mode.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when STALL response occurs on
USB function/Endpoint 1.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
0000
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com