Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 74Page - Renesas Technology Corp 38K2 Datasheet HTML 75Page - Renesas Technology Corp 38K2 Datasheet HTML 76Page - Renesas Technology Corp 38K2 Datasheet HTML 77Page - Renesas Technology Corp 38K2 Datasheet HTML 78Page - Renesas Technology Corp 38K2 Datasheet HTML 79Page - Renesas Technology Corp 38K2 Datasheet HTML 80Page - Renesas Technology Corp 38K2 Datasheet HTML 81Page - Renesas Technology Corp 38K2 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 59 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
HUB Function Control Circuit Block Diagram
The HUB function control circuit, as show in the diagram below,
consists of the following blocks.
(1) HUB repeater block
(2) Down-port control block
(3) CPU interface block (CIF)
(1) HUB repeater block
The HUB repeater block, consisting of the circuits listed below,
processes the HUB repeater function sequence. The HUB re-
peater is ready for operation after enabling the USB module
(USBE = “1”).
•Repeater circuit (detects SOP/EOP signal)
•Frame-time circuit (synchronizes to SOF signal and manages
frames in 1 ms)
•Receiver circuit (manages up-port states)
•Transmitter circuit (controls up-port outputs)
(2) Down-port control block
The down-port control block, consisting of the circuits listed below,
performs down-port controls under supervision of the HUB re-
peater state operation.
•Down-port sequencer circuit
•Down-port state change detect circuit
HUB Function Control Circuit
D0+
D0-
USB down-port 1
transceiver
HUB repeater block
Down-port control block
D1+
D1-
USB Down-port 2
transceiver
D2+
D2-
(3) CPU interface block (CIF)
The CPU interface block performs the following processes.
•Control of repeater/down-port states through registers.
•Generates interrupt signal
•Controls internal bus interface
Fig. 88 HUB function control circuit block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com