Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 68Page - Renesas Technology Corp 38K2 Datasheet HTML 69Page - Renesas Technology Corp 38K2 Datasheet HTML 70Page - Renesas Technology Corp 38K2 Datasheet HTML 71Page - Renesas Technology Corp 38K2 Datasheet HTML 72Page - Renesas Technology Corp 38K2 Datasheet HTML 73Page - Renesas Technology Corp 38K2 Datasheet HTML 74Page - Renesas Technology Corp 38K2 Datasheet HTML 75Page - Renesas Technology Corp 38K2 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 53 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
(5) Endpoint 10
Fig. 74 Structure of EP10 stage register
Fig. 75 Structure of EP10 control register 1
Fig. 76 Structure of EP10 control register 2
b7
b0
SETUP packet detection bit
Not used
SETUP10
b7:b1
1
–
1
–
EP10 stage register (EP10STG) [address 001916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
This bit is set to “1” at reception of SETUP packet.
Writing “0” clears this bit if the next SETUP token does
not occur.
Writing “1” causes no state change of the status flags.
This bit change is not for an interrupt source.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
0
W
R
b7
b0
Response PID bit
Not used
PID10 [1:0]
b7:b2
–
–
0
–
EP10 control register 1 (EP10CON1) [address 001A16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1 b0
0 0 : NAK
0 1 : Automatic response (ACK, NAK, DATA0, DATA1)
1 X : STALL
At occurrence of control transfer error:
B1 is set to “1” by the hardware.
At reception of SETUP token:
B1 and b0 are cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
W
R
b7
b0
Buffer enable bit
Not used
BVAL10
b7:b1
–
–
0
–
EP10 control register 2 (EP10CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
0 : NAK transmission (SIE is disabled to read a buffer.)
1 : Transmitting/receiving data set state (SIE is possible to
read from/write to a buffer.) (Valid in PID10 = “012”)
At reception of SETUP token:
This bit is cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
00
0
0
0
0
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com