Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp 38K2 Datasheet HTML 152Page - Renesas Technology Corp 38K2 Datasheet HTML 153Page - Renesas Technology Corp 38K2 Datasheet HTML 154Page - Renesas Technology Corp 38K2 Datasheet HTML 155Page - Renesas Technology Corp 38K2 Datasheet HTML 156Page - Renesas Technology Corp 38K2 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 358 page
background image
2.1 I/O port
Rev.2.00
Oct 15, 2006
page 4 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.1.4 Structure of Port P0 pull-up control register
Fig. 2.1.5 Structure of Port P5 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
0
5
0
6
0
7
0
1
0
P00 pul l-up control bit
Port P0 pull-up control register (PULL0)
[Address : 0FF016]
B
Function
At reset
Name
Port P0 pull-up control register
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
b7 b6 b5 b4 b3 b2 b1 b0
R W
0
0
2
0
3
0
40
50
60
7
0
1
0
P50 pul l-up control bit
Port P5 pull-up control register (PULL5)
[Address : 0FF216]
B
Function
At reset
Name
Port P5 pull-up control register
0 : No pull-up
1 : Pull-up
P52 pul l-up control bit
0 : No pull-up
1 : Pull-up
Nothing is arranged for this bit. This is a write disabled bit.
When this bit is read out, the contents are “0”.
Nothing is arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com