Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 156Page - Renesas Technology Corp 38K2 Datasheet HTML 157Page - Renesas Technology Corp 38K2 Datasheet HTML 158Page - Renesas Technology Corp 38K2 Datasheet HTML 159Page - Renesas Technology Corp 38K2 Datasheet HTML 160Page - Renesas Technology Corp 38K2 Datasheet HTML 161Page - Renesas Technology Corp 38K2 Datasheet HTML 162Page - Renesas Technology Corp 38K2 Datasheet HTML 163Page - Renesas Technology Corp 38K2 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 358 page
background image
2.2 Interrupt
Rev.2.00
Oct 15, 2006
page 11 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
2.2.3 Interrupt source
The 38K2 group permits interrupts of 16 sources. These are vector interrupts with a fixed priority system.
Accordingly, when two or more interrupt requests occur during the same sampling, the higher-priority
interrupt is accepted first. This priority is determined by hardware, but a variety of priority processing can
be performed by software, using an interrupt enable bit and an interrupt disable flag.
For interrupt sources, vector addresses and interrupt priority, refer to Table 2.2.1.
Table 2.2.1 Interrupt sources, vector addresses and priority of 38K2 group
Remarks
Low
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16
High
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
Vector Addresses (Note 1)
Non-maskable
Valid when USB is selected
Valid when USB is selected
Valid when USB is selected
Valid when external bus is selected
External interrupt
(active edge selectable)
STP release timer underflow
External interrupt
(active edge selectable)
Valid when USB HUB is selected
Valid when serial I/O is selected
Valid when serial I/O is selected
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Non-maskable software interrupt
Interrupt Source
Reset (Note 2)
USB bus reset
USB SOF
USB device
External bus
INT0
Timer X
Timer 1
Timer 2
INT1
USB HUB
Serial I/O
reception
Serial I/O
transmission
CNTR0
Key-on wake up
A/D conversion
BRK instruction
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Interrupt Request
Generating Conditions
At reset
At detection of USB bus reset
signal (2.5
µs interval SE0)
At detection of USB SOF signal
At detection of resume signal (K
state or SE0) or suspend signal
(3 ms interval bus idle), or at
completion of transaction
At completion of reception or
transmission or at completion of
DMA transmission
At detection of either rising or
falling edge of INT0 input
At timer X underflow
At timer 1 underflow
At timer 2 underflow
At detection of either rising or
falling edge of INT1 input
At detection of status change of
USB HUB down ports
At completion of serial I/O data
reception
At completion of serial I/O data
transmission
At detection of either rising or
falling edge of CNTR0 input
At falling of conjunction of input
level for port P0 (at input mode)
At completion of A/D conversion
At BRK instruction execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com