Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 311Page - Renesas Technology Corp 38K2 Datasheet HTML 312Page - Renesas Technology Corp 38K2 Datasheet HTML 313Page - Renesas Technology Corp 38K2 Datasheet HTML 314Page - Renesas Technology Corp 38K2 Datasheet HTML 315Page - Renesas Technology Corp 38K2 Datasheet HTML 316Page - Renesas Technology Corp 38K2 Datasheet HTML 317Page - Renesas Technology Corp 38K2 Datasheet HTML 318Page - Renesas Technology Corp 38K2 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 54 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.39 Structure of EP10 interrupt source register
Fig. 3.4.40 Structure of EP11 interrupt source register
b7
b0
USB HUB/Endpoint 10 buffer
ready interrupt bit
USB HUB/Endpoint 10 control
transfer completion interrupt bit
USB HUB/Endpoint 10 status
stage transition interrupt bit
USB HUB/Endpoint 10 SETUP
buffer ready interrupt bit
USB HUB/Endpoint 10 error
interrupt bit
Not used
BRDY10
CTEND10
CTSTS10
BSRDY10
ERR10
b7:b5
0
0
0
0
0
–
0
0
0
0
0
–
EP10 interrupt source register (EP10REQ) [address 001D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
O
O
O
O
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the buffer is ready state
(enabled to be read/written) on USB HUB/Endpoint 10.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when control transfer is completed
(NULL/ACK transmission in the status stage) on USB
HUB/Endpoint 10.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when transition to status stage
occurs in CTENDE10 = “0” (control transfer completion
disabled) on USB HUB/Endpoint 10.
“0” can be set by software, but “1” cannot be set.
<Transition to status stage occurrence factor>
At transfer of control write:
When receiving IN-token in data stage (OUT)
At transfer of control read:
When receiving OUT-token in data stage (IN)
At no data transfer:
Nothing occurs.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the exclusive buffer for
SETUP is ready state (enabled to be read) on USB
HUB/Endpoint 10.
“0” can be set by software, but “1” cannot be set.
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when control transfer error occurs
on USB HUB/Endpoint 10.
This bit is cleared to “0” by the hardware when
receiving SETUP token.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
–: State remaining
000
W
R
b7
b0
USB HUB/Endpoint 1 buffer 0
ready interrupt bit
Not used
B0RDY11
b7:b1
0
–
0
–
EP11 interrupt source register (EP11REQ) [address 001D16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
0: No interrupt request issued
1: Interrupt request issued
This bit is set to “1” when the buffer is ready state
(enabled to be read/written) on USB HUB/Endpoint 1.
“0” can be set by software, but “1” cannot be set.
Write “0” when writing.
“0” is read when reading.
–: State remaining
000
0000
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com