Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 316Page - Renesas Technology Corp 38K2 Datasheet HTML 317Page - Renesas Technology Corp 38K2 Datasheet HTML 318Page - Renesas Technology Corp 38K2 Datasheet HTML 319Page - Renesas Technology Corp 38K2 Datasheet HTML 320Page - Renesas Technology Corp 38K2 Datasheet HTML 321Page - Renesas Technology Corp 38K2 Datasheet HTML 322Page - Renesas Technology Corp 38K2 Datasheet HTML 323Page - Renesas Technology Corp 38K2 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 59 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.53 Structure of Timer X mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
2
3
4
5
6
7
Name
0
0
0
Timer X mode register (TM) [Address : 2316]
Timer X mode register
0
0 0 : Timer mode
0 1 : Pulse output mode
1 0 : Event counter mode
1 1 : Pulse width measurement
mode
b1 b0
1
0
Timer X operating mode bits
CNTR0 active edge selection
bit
The function depends on the
operating mode of Timer X.
(Refer to Table 2.3.1)
Timer X count stop bit
0 : Count start
1 : Count stop
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are “0”.
0
0
0
Fig. 3.4.52 Structure of Timer 2, Timer X
Timer 2, Timer X
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
1
1
1
1
1
1
1
Timer 2 (T2) [Address : 2216]
Timer X (TX) [Address : 2516]
•Set a count value of each timer.
•The value set in this register is written to both each timer and
each timer latch at the same time.
•When this register is read out, each timer’s count value is read
out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com