Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 342Page - Renesas Technology Corp HD6432148SW Datasheet HTML 343Page - Renesas Technology Corp HD6432148SW Datasheet HTML 344Page - Renesas Technology Corp HD6432148SW Datasheet HTML 345Page - Renesas Technology Corp HD6432148SW Datasheet HTML 346Page - Renesas Technology Corp HD6432148SW Datasheet HTML 347Page - Renesas Technology Corp HD6432148SW Datasheet HTML 348Page - Renesas Technology Corp HD6432148SW Datasheet HTML 349Page - Renesas Technology Corp HD6432148SW Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 302 of 1130
REJ09B0327-0400
10.4
Operation
A PWM waveform like the one shown in figure 10.3 is output from the PWMX pin. When OS =
0, the value in DADR corresponds to the total width (T
L) of the low (0) pulses output in one
conversion cycle (256 pulses when CFS = 0, 64 pulses when CFS = 1). When OS = 1, the output
waveform is inverted and the DADR value corresponds to the total width (T
H) of the high (1)
output pulses. Figure 10.4 shows the types of waveform output available.
tf
tL
TL = ∑ tLn (when OS = 0)
m
n = 1
1 conversion cycle
(T
× 214 (= 16384))
Basic cycle
(T
× 64 or T × 256)
T: Resolution
Legend:
(When CFS = 0, m = 256; when CFS = 1, m = 64)
Figure 10.3 PWM D/A Operation
Table 10.4 summarizes the relationships of the CKS, CFS, and OS bit settings to the resolution,
base cycle, and conversion cycle. The PWM output remains flat unless DADR contains at least a
certain minimum value. Table 10.4 indicates the range of DADR settings that give an output
waveform like the one in figure 10.3, and lists the conversion cycle length when low-order DADR
bits are kept cleared to 0, reducing the conversion precision to 12 bits or 10 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com