Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 343Page - Renesas Technology Corp HD6432148SW Datasheet HTML 344Page - Renesas Technology Corp HD6432148SW Datasheet HTML 345Page - Renesas Technology Corp HD6432148SW Datasheet HTML 346Page - Renesas Technology Corp HD6432148SW Datasheet HTML 347Page - Renesas Technology Corp HD6432148SW Datasheet HTML 348Page - Renesas Technology Corp HD6432148SW Datasheet HTML 349Page - Renesas Technology Corp HD6432148SW Datasheet HTML 350Page - Renesas Technology Corp HD6432148SW Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 303 of 1130
REJ09B0327-0400
Table 10.4
Settings and Operation (Examples when
φφφφ = 10 MHz)
Fixed DADR Bits
Bit Data
CKS
Resolution
T
(µs)
CFS
Base
Cycle
(µs)
Conversion
Cycle
(µs)
T
L (if OS = 0)
T
H (if OS = 1)
Precision
(Bits)
32 10
Conversion
Cycle*
(µs)
1. Always low (or high)
level output
(DADR = H'0001 to
H'03FD)
14
1638.4
12
0 0
409.6
0
6.4
1638.4
2. (Data value)
× T
(DADR = H'0401 to
H'FFFD)
10
0 0 0 0
102.4
1. Always low (or high)
level output
(DADR = H'0003 to
H'00FF)
14
1638.4
12
0 0
409.6
00.1
1
25.6
1638.4
2. (Data value)
× T
(DADR = H'0103 to
H'FFFF)
10
0 0 0 0
102.4
1. Always low (or high)
level output
(DADR = H'0001 to
H'03FD)
14
3276.8
12
0 0
819.2
0
12.8
3276.8
2. (Data value)
× T
(DADR = H'0401 to
H'FFFD)
10
0 0 0 0
204.8
1. Always low (or high)
level output
(DADR = H'0003 to
H'00FF)
14
3276.8
12
0 0
819.2
10.2
1
51.2
3276.8
2. (Data value)
× T
(DADR = H'0103 to
H'FFFF)
10
0 0 0 0
204.8
Note:
*
This column indicates the conversion cycle when specific DADR bits are fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com