| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 355 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 355 Page - Renesas Technology Corp |
|
355 / 1177 page ![]() Section 11 16-Bit Free-Running Timer Rev. 4.00 Sep 27, 2006 page 311 of 1130 REJ09B0327-0400 11.2 Register Descriptions 11.2.1 Free-Running Counter (FRC) Bit Initial 15 0 R/W 14 0 R/W 13 0 R/W 12 0 R/W 11 0 R/W 10 0 R/W 9 0 R/W 8 0 R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W value Write Read/ FRC is a 16-bit readable/writable up-counter that increments on an internal pulse generated from a clock source. The clock source is selected by bits CKS1 and CKS0 in TCR. FRC can also be cleared by compare-match A. When FRC overflows from H'FFFF to H'0000, the overflow flag (OVF) in TCSR is set to 1. FRC is initialized to H'0000 by a reset and in hardware standby mode. 11.2.2 Output Compare Registers A and B (OCRA, OCRB) Bit Initial 15 1 R/W 14 1 R/W 13 1 R/W 12 1 R/W 11 1 R/W 10 1 R/W 9 1 R/W 8 1 R/W 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 2 1 R/W 1 1 R/W 0 1 R/W value Write Read/ OCRA and OCRB are 16-bit readable/writable registers, the contents of which are continually compared with the value in the FRC. When a match is detected, the corresponding output compare flags (OCFA or OCFB) is set in TCSR. In addition, if the output enable bit (OEA or OEB) in TOCR is set to 1, when OCR and FRC values match, the logic level selected by the output level bit (OLVLA or OLVLB) in TOCR is output at the output compare pin (FTOA or FTOB). Following a reset, the FTOA and FTOB output levels are 0 until the first compare-match. OCR is initialized to H'FFFF by a reset and in hardware standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |