Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 354Page - Renesas Technology Corp HD6432148SW Datasheet HTML 355Page - Renesas Technology Corp HD6432148SW Datasheet HTML 356Page - Renesas Technology Corp HD6432148SW Datasheet HTML 357Page - Renesas Technology Corp HD6432148SW Datasheet HTML 358Page - Renesas Technology Corp HD6432148SW Datasheet HTML 359Page - Renesas Technology Corp HD6432148SW Datasheet HTML 360Page - Renesas Technology Corp HD6432148SW Datasheet HTML 361Page - Renesas Technology Corp HD6432148SW Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 314 of 1130
REJ09B0327-0400
11.2.5
Output Compare Register DM (OCRDM)
Bit
Initial
15
0
R
14
0
R
13
0
R
12
0
R
11
0
R
10
0
R
9
0
R
8
0
R
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
value
Write
Read/
OCRDM is a 16-bit readable/writable register in which the upper 8 bits are fixed at H'00.
When the ICRDMS bit in TOCR is set to 1 and the contents of OCRDM are other than H'0000,
the operation of ICRD is changed to include the use of OCRDM. The point at which input capture
D occurs is taken as the start of a mask interval. Next, twice the contents of OCRDM is added to
the contents of ICRD, and the result is compared with the FRC value. The point at which the
values match is taken as the end of the mask interval. New input capture D events are disabled
during the mask interval.
A mask interval is not generated when the ICRDMS bit is set to 1 and the contents of OCRDM are
H'0000.
OCRDM is initialized to H'0000 by a reset and in hardware standby mode.
11.2.6
Timer Interrupt Enable Register (TIER)
Bit
Initial value
Read/Write
7
ICIAE
0
R/W
6
ICIBE
0
R/W
5
ICICE
0
R/W
4
ICIDE
0
3
OCIAE
0
R/W
0
—
1
—
2
OCIBE
0
R/W
1
OVIE
0
R/W
R/W
TIER is an 8-bit readable/writable register that enables and disables interrupts.
TIER is initialized to H'01 by a reset and in hardware standby mode.
Bit 7—Input Capture Interrupt A Enable (ICIAE): Selects whether to request input capture
interrupt A (ICIA) when input capture flag A (ICFA) in TCSR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com