Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 358Page - Renesas Technology Corp HD6432148SW Datasheet HTML 359Page - Renesas Technology Corp HD6432148SW Datasheet HTML 360Page - Renesas Technology Corp HD6432148SW Datasheet HTML 361Page - Renesas Technology Corp HD6432148SW Datasheet HTML 362Page - Renesas Technology Corp HD6432148SW Datasheet HTML 363Page - Renesas Technology Corp HD6432148SW Datasheet HTML 364Page - Renesas Technology Corp HD6432148SW Datasheet HTML 365Page - Renesas Technology Corp HD6432148SW Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 318 of 1130
REJ09B0327-0400
Bit 4—Input Capture Flag D (ICFD): This status flag indicates that the FRC value has been
transferred to ICRD by means of an input capture signal. When BUFEB = 1, on occurrence of the
signal transition in FTID (input capture signal) specified by the IEDGD bit, ICFD is set but data is
not transferred to ICRD. Therefore, in buffer operation, ICFD can be used as an external interrupt
by setting the ICIDE bit to 1.
ICFD must be cleared by software. It is set by hardware, however, and cannot be set by software.
Bit 4
ICFD
Description
0
[Clearing condition]
Read ICFD when ICFD = 1, then write 0 in ICFD
(Initial value)
1
[Setting condition]
When an input capture signal is received
Bit 3—Output Compare Flag A (OCFA): This status flag indicates that the FRC value matches
the OCRA value. This flag must be cleared by software. It is set by hardware, however, and
cannot be set by software.
Bit 3
OCFA
Description
0
[Clearing condition]
Read OCFA when OCFA = 1, then write 0 in OCFA
(Initial value)
1
[Setting condition]
When FRC = OCRA
Bit 2—Output Compare Flag B (OCFB): This status flag indicates that the FRC value matches
the OCRB value. This flag must be cleared by software. It is set by hardware, however, and cannot
be set by software.
Bit 2
OCFB
Description
0
[Clearing condition]
Read OCFB when OCFB = 1, then write 0 in OCFB
(Initial value)
1
[Setting condition]
When FRC = OCRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com