Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 359Page - Renesas Technology Corp HD6432148SW Datasheet HTML 360Page - Renesas Technology Corp HD6432148SW Datasheet HTML 361Page - Renesas Technology Corp HD6432148SW Datasheet HTML 362Page - Renesas Technology Corp HD6432148SW Datasheet HTML 363Page - Renesas Technology Corp HD6432148SW Datasheet HTML 364Page - Renesas Technology Corp HD6432148SW Datasheet HTML 365Page - Renesas Technology Corp HD6432148SW Datasheet HTML 366Page - Renesas Technology Corp HD6432148SW Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 319 of 1130
REJ09B0327-0400
Bit 1—Timer Overflow Flag (OVF): This status flag indicates that the FRC has overflowed
(changed from H'FFFF to H'0000). This flag must be cleared by software. It is set by hardware,
however, and cannot be set by software.
Bit 1
OVF
Description
0
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
(Initial value)
1
[Setting condition]
When FRC changes from H'FFFF to H'0000
Bit 0—Counter Clear A (CCLRA): This bit selects whether the FRC is to be cleared at compare-
match A (when the FRC and OCRA values match).
Bit 0
CCLRA
Description
0
FRC clearing is disabled
(Initial value)
1
FRC is cleared at compare-match A
11.2.8
Timer Control Register (TCR)
Bit
Initial value
Read/Write
7
IEDGA
0
R/W
6
IEDGB
0
R/W
5
IEDGC
0
R/W
4
IEDGD
0
R/W
3
BUFEA
0
R/W
0
CKS0
0
R/W
2
BUFEB
0
R/W
1
CKS1
0
R/W
TCR is an 8-bit readable/writable register that selects the rising or falling edge of the input capture
signals, enables the input capture buffer mode, and selects the FRC clock source.
TCR is initialized to H'00 by a reset and in hardware standby mode
Bit 7—Input Edge Select A (IEDGA): Selects the rising or falling edge of the input capture A
signal (FTIA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com