Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 363Page - Renesas Technology Corp HD6432148SW Datasheet HTML 364Page - Renesas Technology Corp HD6432148SW Datasheet HTML 365Page - Renesas Technology Corp HD6432148SW Datasheet HTML 366Page - Renesas Technology Corp HD6432148SW Datasheet HTML 367Page - Renesas Technology Corp HD6432148SW Datasheet HTML 368Page - Renesas Technology Corp HD6432148SW Datasheet HTML 369Page - Renesas Technology Corp HD6432148SW Datasheet HTML 370Page - Renesas Technology Corp HD6432148SW Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 323 of 1130
REJ09B0327-0400
Bit 3—Output Enable A (OEA): Enables or disables output of the output compare A signal
(FTOA).
Bit 3
OEA
Description
0
Output compare A output is disabled
(Initial value)
1
Output compare A output is enabled
Bit 2—Output Enable B (OEB): Enables or disables output of the output compare B signal
(FTOB).
Bit 2
OEB
Description
0
Output compare B output is disabled
(Initial value)
1
Output compare B output is enabled
Bit 1—Output Level A (OLVLA): Selects the logic level to be output at the FTOA pin in
response to compare-match A (signal indicating a match between the FRC and OCRA values).
When the OCRAMS bit is 1, this bit is ignored.
Bit 1
OLVLA
Description
0
0 output at compare-match A
(Initial value)
1
1 output at compare-match A
Bit 0—Output Level B (OLVLB): Selects the logic level to be output at the FTOB pin in
response to compare-match B (signal indicating a match between the FRC and OCRB values).
Bit 0
OLVLB
Description
0
0 output at compare-match B
(Initial value)
1
1 output at compare-match B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com