Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 360Page - Renesas Technology Corp HD6432148SW Datasheet HTML 361Page - Renesas Technology Corp HD6432148SW Datasheet HTML 362Page - Renesas Technology Corp HD6432148SW Datasheet HTML 363Page - Renesas Technology Corp HD6432148SW Datasheet HTML 364Page - Renesas Technology Corp HD6432148SW Datasheet HTML 365Page - Renesas Technology Corp HD6432148SW Datasheet HTML 366Page - Renesas Technology Corp HD6432148SW Datasheet HTML 367Page - Renesas Technology Corp HD6432148SW Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 320 of 1130
REJ09B0327-0400
Bit 7
IEDGA
Description
0
Capture on the falling edge of FTIA
(Initial value)
1
Capture on the rising edge of FTIA
Bit 6—Input Edge Select B (IEDGB): Selects the rising or falling edge of the input capture B
signal (FTIB).
Bit 6
IEDGB
Description
0
Capture on the falling edge of FTIB
(Initial value)
1
Capture on the rising edge of FTIB
Bit 5—Input Edge Select C (IEDGC): Selects the rising or falling edge of the input capture C
signal (FTIC).
Bit 5
IEDGC
Description
0
Capture on the falling edge of FTIC
(Initial value)
1
Capture on the rising edge of FTIC
Bit 4—Input Edge Select D (IEDGD): Selects the rising or falling edge of the input capture D
signal (FTID).
Bit 4
IEDGD
Description
0
Capture on the falling edge of FTID
(Initial value)
1
Capture on the rising edge of FTID
Bit 3—Buffer Enable A (BUFEA): Selects whether ICRC is to be used as a buffer register for
ICRA.
Bit 3
BUFEA
Description
0
ICRC is not used as a buffer register for input capture A
(Initial value)
1
ICRC is used as a buffer register for input capture A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com