Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 384Page - Renesas Technology Corp HD6432148SW Datasheet HTML 385Page - Renesas Technology Corp HD6432148SW Datasheet HTML 386Page - Renesas Technology Corp HD6432148SW Datasheet HTML 387Page - Renesas Technology Corp HD6432148SW Datasheet HTML 388Page - Renesas Technology Corp HD6432148SW Datasheet HTML 389Page - Renesas Technology Corp HD6432148SW Datasheet HTML 390Page - Renesas Technology Corp HD6432148SW Datasheet HTML 391Page - Renesas Technology Corp HD6432148SW Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 344 of 1130
REJ09B0327-0400
12.1.4
Register Configuration
Table 12.2 summarizes the registers of the 8-bit timer module.
Table 12.2
8-Bit Timer Registers
Channel
Name
Abbreviation*
3
R/W
Initial value
Address*
1
0
Timer control register 0
TCR0
R/W
H'00
H'FFC8
Timer control/status register 0
TCSR0
R/(W)*
2
H'00
H'FFCA
Time constant register A0
TCORA0
R/W
H'FF
H'FFCC
Time constant register B0
TCORB0
R/W
H'FF
H'FFCE
Time counter 0
TCNT0
R/W
H'00
H'FFD0
1
Timer control register 1
TCR1
R/W
H'00
H'FFC9
Timer control/status register 1
TCSR1
R/(W)*
2
H'10
H'FFCB
Time constant register A1
TCORA1
R/W
H'FF
H'FFCD
Time constant register B1
TCORB1
R/W
H'FF
H'FFCF
Timer counter 1
TCNT1
R/W
H'00
H'FFD1
Common
Serial/timer control register
STCR
R/W
H'00
H'FFC3
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Timer connection register S
TCONRS
R/W
H'00
H'FFFE
X
Timer control register X
TCRX
R/W
H'00
H'FFF0
Timer control/status register X
TCSRX
R/(W)*
2
H'00
H'FFF1
Time constant register AX
TCORAX
R/W
H'FF
H'FFF6
Time constant register BX
TCORBX
R/W
H'FF
H'FFF7
Timer counter X
TCNTX
R/W
H'00
H'FFF4
Time constant register C
TCORC
R/W
H'FF
H'FFF5
Input capture register R
TICRR
R
H'00
H'FFF2
Input capture register F
TICRF
R
H'00
H'FFF3
Y
Timer control register Y
TCRY
R/W
H'00
H'FFF0
Timer control/status register Y
TCSRY
R/(W)*
2
H'00
H'FFF1
Time constant register AY
TCORAY
R/W
H'FF
H'FFF2
Time constant register BY
TCORBY
R/W
H'FF
H'FFF3
Timer counter Y
TCNTY
R/W
H'00
H'FFF4
Timer input select register
TISR
R/W
H'FE
H'FFF5
Notes: 1. Lower 16 bits of the address.
2. Only 0 can be written in bits 7 to 5, to clear these flags.
3. The abbreviations TCR, TCSR, TCORA, TCORB, and TCNT are used in the text,
omitting the channel designation (0, 1, X, or Y).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com