Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 385Page - Renesas Technology Corp HD6432148SW Datasheet HTML 386Page - Renesas Technology Corp HD6432148SW Datasheet HTML 387Page - Renesas Technology Corp HD6432148SW Datasheet HTML 388Page - Renesas Technology Corp HD6432148SW Datasheet HTML 389Page - Renesas Technology Corp HD6432148SW Datasheet HTML 390Page - Renesas Technology Corp HD6432148SW Datasheet HTML 391Page - Renesas Technology Corp HD6432148SW Datasheet HTML 392Page - Renesas Technology Corp HD6432148SW Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 345 of 1130
REJ09B0327-0400
Each pair of registers for channel 0 and channel 1 comprises a 16-bit register with the upper 8 bits
for channel 0 and the lower 8 bits for channel 1, so they can be accessed together by word access.
(Access is not divided into two 8-bit accesses.)
In the H8S/2148 Group, certain of the channel X and channel Y registers are assigned to the same
address. The TMRX/Y bit in TCONRS determines which register is accessed.
12.2
Register Descriptions
12.2.1
Timer Counter (TCNT)
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
0
0
R/W
2
0
R/W
1
0
R/W
TCNTX,TCNTY
Bit
Initial value
Read/Write
15
0
R/W
Bit
Initial value
Read/Write
14
0
R/W
13
0
R/W
12
0
R/W
11
0
R/W
10
0
R/W
9
0
R/W
8
0
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
TCNT0
TCNT1
Each TCNT is an 8-bit readable/writable up-counter.
TCNT0 and TCNT1 comprise a single 16-bit register, so they can be accessed together by word
access.
TCNT increments on pulses generated from an internal or external clock source. This clock source
is selected by clock select bits CKS2 to CKS0 in TCR.
TCNT can be cleared by an external reset input signal or compare-match signal. Counter clear bits
CCLR1 and CCLR0 in TCR select the method of clearing.
When TCNT overflows from H'FF to H'00, the overflow flag (OVF) in TCSR is set to 1.
The timer counters are initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com