Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 389Page - Renesas Technology Corp HD6432148SW Datasheet HTML 390Page - Renesas Technology Corp HD6432148SW Datasheet HTML 391Page - Renesas Technology Corp HD6432148SW Datasheet HTML 392Page - Renesas Technology Corp HD6432148SW Datasheet HTML 393Page - Renesas Technology Corp HD6432148SW Datasheet HTML 394Page - Renesas Technology Corp HD6432148SW Datasheet HTML 395Page - Renesas Technology Corp HD6432148SW Datasheet HTML 396Page - Renesas Technology Corp HD6432148SW Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 349 of 1130
REJ09B0327-0400
Bit 5—Timer Overflow Interrupt Enable (OVIE): Selects whether the OVF interrupt request
(OVI) is enabled or disabled when the OVF flag in TCSR is set to 1.
Note that an OVI interrupt is not requested by TMRX, regardless of the OVIE value.
Bit 5
OVIE
Description
0
OVF interrupt request (OVI) is disabled
(Initial value)
1
OVF interrupt request (OVI) is enabled
Bits 4 and 3—Counter Clear 1 and 0 (CCLR1, CCLR0): These bits select the method by which
the timer counter is cleared: by compare-match A or B, or by an external reset input.
Bit 4
Bit 3
CCLR1
CCLR0
Description
0
0
Clearing is disabled
(Initial value)
1
Cleared on compare-match A
1
0
Cleared on compare-match B
1
Cleared on rising edge of external reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com