Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 410Page - Renesas Technology Corp HD6432148SW Datasheet HTML 411Page - Renesas Technology Corp HD6432148SW Datasheet HTML 412Page - Renesas Technology Corp HD6432148SW Datasheet HTML 413Page - Renesas Technology Corp HD6432148SW Datasheet HTML 414Page - Renesas Technology Corp HD6432148SW Datasheet HTML 415Page - Renesas Technology Corp HD6432148SW Datasheet HTML 416Page - Renesas Technology Corp HD6432148SW Datasheet HTML 417Page - Renesas Technology Corp HD6432148SW Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 370 of 1130
REJ09B0327-0400
Table 12.6
TMRY 8-Bit Timer Interrupt Sources
Interrupt source
Description
DTC Activation
Interrupt Priority
CMIA
Requested by CMFA
Possible
High
CMIB
Requested by CMFB
Possible
OVI
Requested by OVF
Not possible
Low
12.5
8-Bit Timer Application Example
In the example below, the 8-bit timer is used to generate a pulse output with a selected duty cycle,
as shown in figure 12.12. The control bits are set as follows:
• In TCR, CCLR1 is cleared to 0 and CCLR0 is set to 1 so that the timer counter is cleared by a
TCORA compare-match.
• In TCSR, bits OS3 to OS0 are set to B'0110, causing 1 output at a TCORA compare-match and
0 output at a TCORB compare-match.
With these settings, the 8-bit timer provides output of pulses at a rate determined by TCORA with
a pulse width determined by TCORB. No software intervention is required.
TCNT
H'FF
Counter clear
TCORA
TCORB
H'00
TMO
Figure 12.12 Pulse Output (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com