Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 409Page - Renesas Technology Corp HD6432148SW Datasheet HTML 410Page - Renesas Technology Corp HD6432148SW Datasheet HTML 411Page - Renesas Technology Corp HD6432148SW Datasheet HTML 412Page - Renesas Technology Corp HD6432148SW Datasheet HTML 413Page - Renesas Technology Corp HD6432148SW Datasheet HTML 414Page - Renesas Technology Corp HD6432148SW Datasheet HTML 415Page - Renesas Technology Corp HD6432148SW Datasheet HTML 416Page - Renesas Technology Corp HD6432148SW Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 369 of 1130
REJ09B0327-0400
Table 12.3
Input Capture Signal Selection
TCONRI
Bit 4
Bit 7
Bit 6
Bit 3
Bit 1
ICST
SIMOD1
SIMOD0
HFINV
HIINV
Description
0
—
———
Input capture function not used
10
00
—
TMIX pin input signal
1
—
Inverted signal of TMIX pin input
1
—
0
TMRI1 pin input signal
—
1
Inverted signal of TMRI1 pin input
11
—
0
TMCI1 pin input signal
—
1
Inverted signal of TMCI1 pin input
12.4
Interrupt Sources
The TMR0, TMR1, and TMRY 8-bit timers can generate three types of interrupt: compare-match
A and B (CMIA and CMIB), and overflow (OVI). TMRX can generate only an ICIX interrupt. An
interrupt is requested when the corresponding interrupt enable bit is set in TCR or TCSR.
Independent signals are sent to the interrupt controller for each interrupt. It is also possible to
activate the DTC by means of CMIA and CMIB interrupts from TMR0, TMR1 and TMRY.
An overview of 8-bit timer interrupt sources is given in tables 12.4 to 12.6.
Table 12.4
TMR0 and TMR1 8-Bit Timer Interrupt Sources
Interrupt source
Description
DTC Activation
Interrupt Priority
CMIA
Requested by CMFA
Possible
High
CMIB
Requested by CMFB
Possible
OVI
Requested by OVF
Not possible
Low
Table 12.5
TMRX 8-Bit Timer Interrupt Source
Interrupt source
Description
DTC Activation
ICIX
Requested by ICF
Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com