Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 405Page - Renesas Technology Corp HD6432148SW Datasheet HTML 406Page - Renesas Technology Corp HD6432148SW Datasheet HTML 407Page - Renesas Technology Corp HD6432148SW Datasheet HTML 408Page - Renesas Technology Corp HD6432148SW Datasheet HTML 409Page - Renesas Technology Corp HD6432148SW Datasheet HTML 410Page - Renesas Technology Corp HD6432148SW Datasheet HTML 411Page - Renesas Technology Corp HD6432148SW Datasheet HTML 412Page - Renesas Technology Corp HD6432148SW Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 365 of 1130
REJ09B0327-0400
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 12.7 Timing of Clearing by External Reset Input
12.3.4
Timing of Overflow Flag (OVF) Setting
OVF in TCSR is set to 1 when the timer count overflows (changes from H'FF to H'00). Figure
12.8 shows the timing of this operation.
φ
OVF
Overflow signal
TCNT
H'FF
H'00
Figure 12.8 Timing of OVF Setting
12.3.5
Operation with Cascaded Connection
If bits CKS2 to CKS0 in either TCR0 or TCR1 are set to B'100, the 8-bit timers of the two
channels are cascaded. With this configuration, a single 16-bit timer can be used (16-bit timer
mode) or compare-matches of 8-bit channel 0 can be counted by the timer of channel 1 (compare-
match count mode). In this case, the timer operates as described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com