Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 402Page - Renesas Technology Corp HD6432148SW Datasheet HTML 403Page - Renesas Technology Corp HD6432148SW Datasheet HTML 404Page - Renesas Technology Corp HD6432148SW Datasheet HTML 405Page - Renesas Technology Corp HD6432148SW Datasheet HTML 406Page - Renesas Technology Corp HD6432148SW Datasheet HTML 407Page - Renesas Technology Corp HD6432148SW Datasheet HTML 408Page - Renesas Technology Corp HD6432148SW Datasheet HTML 409Page - Renesas Technology Corp HD6432148SW Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 362 of 1130
REJ09B0327-0400
12.3
Operation
12.3.1
TCNT Incrementation Timing
TCNT is incremented by input clock pulses (either internal or external).
Internal Clock
An internal clock created by dividing the system clock (
φ) can be selected by setting bits CKS2 to
CKS0 in TCR. Figure 12.2 shows the count timing.
φ
Internal clock
TCNT input
clock
TCNT
N – 1
N
N + 1
Figure 12.2 Count Timing for Internal Clock Input
External Clock
Three incrementation methods can be selected by setting bits CKS2 to CKS0 in TCR: at the rising
edge, the falling edge, and both rising and falling edges.
Note that the external clock pulse width must be at least 1.5 states for incrementation at a single
edge, and at least 2.5 states for incrementation at both edges. The counter will not increment
correctly if the pulse width is less than these values.
Figure 12.3 shows the timing of incrementation at both edges of an external clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com