| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 403 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 403 Page - Renesas Technology Corp |
|
403 / 1177 page ![]() Section 12 8-Bit Timers Rev. 4.00 Sep 27, 2006 page 359 of 1130 REJ09B0327-0400 12.2.10 Time Constant Register C (TCORC) [TMRX Additional Function] 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 0 1 R/W 2 1 R/W 1 1 R/W Bit Initial value Read/Write TCORC is an 8-bit readable/writable register. The sum of the contents of TCORC and TICR is continually compared with the value in TCNT. When a match is detected, a compare-match C signal is generated. Note, however, that comparison is disabled during the T2 state of a TCORC write cycle and a TICR input capture cycle. TCORC is initialized to H'FF by a reset and in hardware standby mode. The TCORC function is used in timer connection. For details, see section 13, Timer Connection. 12.2.11 Input Capture Registers R and F (TICRR, TICRF) [TMRX Additional Functions] 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 0 0 R 2 0 R 1 0 R Bit Initial value Read/Write TICRR and TICRF are 8-bit read-only registers. When the ICST bit in TCONRI is set to 1, TICRR and TICRF capture the contents of TCNT successively on the rise and fall of the external reset input. When one capture operation ends, the ICST bit is cleared to 0. TICRR and TICRF are each initialized to H'00 by a reset and in hardware standby mode. The TICRR and TICRF functions are used in timer connection. For details, see section 12.3.6, Input Capture Operation, and section 13, Timer Connection. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |