Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 398Page - Renesas Technology Corp HD6432148SW Datasheet HTML 399Page - Renesas Technology Corp HD6432148SW Datasheet HTML 400Page - Renesas Technology Corp HD6432148SW Datasheet HTML 401Page - Renesas Technology Corp HD6432148SW Datasheet HTML 402Page - Renesas Technology Corp HD6432148SW Datasheet HTML 403Page - Renesas Technology Corp HD6432148SW Datasheet HTML 404Page - Renesas Technology Corp HD6432148SW Datasheet HTML 405Page - Renesas Technology Corp HD6432148SW Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 358 of 1130
REJ09B0327-0400
Bit 7—TMRX/TMRY Access Select (TMRX/Y): The TMRX and TMRY registers can only be
accessed when the HIE bit in SYSCR is cleared to 0. In the H8S/2148 Group, some of the TMRX
registers and the TMRY registers are assigned to the same memory space addresses (H'FFF0 to
H'FFF5), and the TMRX/Y bit determines which registers are accessed. In the H8S/2144 Group
and H8S/2147N, there is no control of TMRY register access by this bit.
Bit 7
Accessible Registers
TMRX/Y
H'FFF0
H'FFF1
H'FFF2
H'FFF3
H'FFF4
H'FFF5
H'FFF6
H'FFF7
0
(Initial value)
TMRX
TCRX
TMRX
TCSRX
TMRX
TICRR
TMRX
TICRF
TMRX
TCNTX
TMRX
TCORC
TMRX
TCORAX
TMRX
TCORBX
1TMRY
TCRY
TMRY
TCSRY
TMRY
TCORAY
TMRY
TCORBY
TMRY
TCNTY
TMRY
TISR
12.2.9
Input Capture Register (TICR) [TMRX Additional Function]
7
0
—
6
0
—
5
0
—
4
0
—
3
0
—
0
0
—
2
0
—
1
0
—
Bit
Initial value
Read/Write
TICR is an 8-bit internal register to which the contents of TCNT are transferred on the falling edge
of external reset input. The CPU cannot read or write to TICR directly.
The TICR function is used in timer connection. For details, see section 13, Timer Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com