Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 400Page - Renesas Technology Corp HD6432148SW Datasheet HTML 401Page - Renesas Technology Corp HD6432148SW Datasheet HTML 402Page - Renesas Technology Corp HD6432148SW Datasheet HTML 403Page - Renesas Technology Corp HD6432148SW Datasheet HTML 404Page - Renesas Technology Corp HD6432148SW Datasheet HTML 405Page - Renesas Technology Corp HD6432148SW Datasheet HTML 406Page - Renesas Technology Corp HD6432148SW Datasheet HTML 407Page - Renesas Technology Corp HD6432148SW Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1177 page
background image
Section 12 8-Bit Timers
Rev. 4.00 Sep 27, 2006 page 360 of 1130
REJ09B0327-0400
12.2.12
Timer Input Select Register (TISR) [TMRY Additional Function]
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
IS
0
R/W
2
—
1
—
1
—
1
—
Bit
Initial value
Read/Write
TISR is an 8-bit readable/writable register that selects the external clock/reset signal source for the
counter.
TISR is initialized to H'FE by a reset and in hardware standby mode.
Bits 7 to 1—Reserved: Do not write 0 to these bits.
Bit 0—Input Select (IS): Selects the internal synchronization signal (IVG signal) or the timer
clock/reset input pin (VSYNCI/TMIY (TMCIY/TMRIY)) as the external clock/reset signal source
for the counter.
Bit 0
IS
Description
0
IVG signal is selected (H8S/2148 Group)
(Initial value)
External clock/reset input is disabled (H8S/2144 Group and H8S/2147N)
1
VSYNCI/TMIY (TMCIY/TMRIY) is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com