Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 441Page - Renesas Technology Corp HD6432148SW Datasheet HTML 442Page - Renesas Technology Corp HD6432148SW Datasheet HTML 443Page - Renesas Technology Corp HD6432148SW Datasheet HTML 444Page - Renesas Technology Corp HD6432148SW Datasheet HTML 445Page - Renesas Technology Corp HD6432148SW Datasheet HTML 446Page - Renesas Technology Corp HD6432148SW Datasheet HTML 447Page - Renesas Technology Corp HD6432148SW Datasheet HTML 448Page - Renesas Technology Corp HD6432148SW Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 401 of 1130
REJ09B0327-0400
Table 13.8
Examples of OCRAR, OCRAF, TOCR, TCORA, TCORB, TCR, and TCSR
Settings
Register
Bit(s)
Abbreviation
Contents
Description
TCR in
TMRY
7
CMIEB
0
Interrupts due to compare-match and
overflow are disabled
6CMIEA
0
5OVIE
0
4 and 3
CCLR1,
CCLR0
01
TCNT is cleared by compare-match A
2 to 0
CKS2 to CKS0 001
TCNT is incremented on internal clock:
φ/4
TCSR in
TMRY
3 to 0
OS3 to OS0
0110
0 output on compare-match B
1 output on compare-match A
TOCRA in
TMRY
H'3F
(example)
IHG signal period =
φ × 256
TOCRB in
TMRY
H'03
(example)
IHG signal 1 interval =
φ × 16
TCR in FRT
1 and 0
CKS1,
CKS0
01
FRC is incremented on internal clock:
φ/8
OCRAR in FRT
H'7FEF
(example)
IVG signal 0
interval =
φ × 262016
IVG signal period =
φ × 262144 (1024
times IHG signal)
OCRAF in FRT
H'000F
(example)
IVG signal 1
interval =
φ × 128
TOCR in FRT
6
OCRAMS
1
OCRA is set to the operating mode in
which OCRAR and OCRAF are used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com